Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • A-MCSSP60200-B-R

  • AI
    ## Electronic Overview: A-MCSSP60200-B-R The **A-MCSSP60200-B-R** is a specific technical component, typically identified as a **Shielded Cat6 (or Cat6a) Slim Patch Cord** manufactured by ASSMANN WSW Components. This part is critical in networking hardware for high-speed data transmission within environments requiring electromagnetic interference (EMI) protection. --- ### 1. Technical Specifications The "electronic" nature of this part is defined by its electrical performance and physical construction: | Feature | Specification | | :--- | :--- | | **Category** | Cat6 (Gigabit Ethernet) | | **Shielding Type** | U/FTP or S/FTP (Shielded) | | **Conductor Material** | Copper (CU) | | **Wire Gauge** | 30 AWG (Slim design) | | **Connector Type** | RJ45 8P8C | | **Contact Plating** | Gold Plating (typically 3µ - 50µ) | | **Jacket Material** | LSZH (Low Smoke Zero Halogen) | | **Length** | 2.0 Meters (indicated by '0200' in PN) | --- ### 2. Key Electronic Components #### A. The Conductors (Internal Wiring) The part uses **30 AWG stranded copper**. * **Electronic Function:** These act as the transmission medium for differential signals. The thinner gauge (Slim) allows for better airflow in server racks but has higher DC resistance compared to standard 24 AWG cables. * **Twisted Pairs:** The wires are twisted to cancel out electromagnetic interference from external sources and crosstalk from neighboring pairs. #### B. Shielding Architecture The "S" and "P" in the series often denote shielding characteristics: * **Protection:** The cable includes a metallic foil or braid. This acts as a **Faraday Cage**, preventing external EMI/RFI from corrupting the high-frequency data signals (up to 250 MHz for Cat6). * **Drain Wire:** A small internal wire ensures the shield is grounded through the RJ45 shell. #### C. The RJ45 Connectors * **Gold-Plated Contacts:** Gold is used because it does not oxidize. This ensures low contact resistance and maintains signal integrity over hundreds of plug/unplug cycles. * **Snagless Boot:** The "R" or "B" suffixes often refer to the color (Black) and the strain relief boot, which protects the locking clip and prevents mechanical stress on the wire-to-contact interface. --- ### 3. Application Use-Case Because this is a **Slim** shielded cable, it is electronically optimized for: 1. **High-Density Patching:** Used in data centers where space is limited. 2. **EMI Sensitive Areas:** Near power cables or heavy machinery where unshielded (UTP) cables would experience packet loss. 3. **PoE (Power over Ethernet):** While slim cables can carry PoE, the higher resistance of 30 AWG means they are generally limited to lower-wattage PoE applications to avoid heat buildup. ---
    ✨ Follow-up Questions
    • ⤷ What are the performance differences between 30 AWG slim cables and standard 24 AWG cables?
    • ⤷ How does LSZH material differ from PVC in electronic cabling?
    • ⤷ Can this specific cable support 10-Gigabit Ethernet (Cat6a) standards?