A-MCSSP60200-Y-R
AI

The part number **A-MCSSP60200-Y-R** typically refers to a **Shielded Twisted Pair (STP) Patch Cable**, specifically within the category of networking components. Below is a detailed breakdown of its electronic and physical specifications.
---
## 1. Component Identification
This part is a high-performance network cable designed for data transmission in environments with potential electromagnetic interference (EMI).
| Feature | Specification |
| :--- | :--- |
| **Category** | Cat6 (Category 6) |
| **Connector Type** | RJ45 (8P8C) |
| **Shielding** | S/FTP or SFTP (Shielded & Foiled Twisted Pair) |
| **Length** | 20.0 Meters (indicated by '200') |
| **Color** | Yellow (indicated by 'Y') |
| **Compliance** | RoHS Compliant (indicated by 'R') |
---
## 2. Technical Specifications
The "Electronic Parts" of this assembly include the copper conductors, the gold-plated contacts, and the shielding layers.
### Conductors and Wiring
* **Wire Gauge:** Usually **26 AWG** or **27 AWG** stranded copper. Stranded copper is used to ensure flexibility for patch cords.
* **Wiring Scheme:** Follows the **T568B** or **T568A** standard (typically T568B for commercial use).
* **Frequency Support:** Rated for up to **250 MHz**, supporting speeds up to **1 Gbps (1000Base-T)**.
### Shielding Architecture
The "S/FTP" designation means the cable has multiple layers of electronic protection:
1. **Individual Foil Shield:** Each of the 4 twisted pairs is wrapped in aluminum foil to prevent "Crosstalk" between pairs.
2. **Overall Braid Shield:** A tinned copper braid surrounds all pairs together to protect the signal from external EMI/RFI.
### Connectivity (RJ45 Plug)
* **Contacts:** Phosphor Bronze base.
* **Plating:** 50-micron Gold plating on the contact pins to prevent oxidation and ensure low electrical resistance over time.
* **Housing:** Polycarbonate (UL94V-2 rated) with a metal shell for continuous shielding ground.
---
## 3. Physical & Environmental Attributes
* **Jacket Material:** PVC or LSZH (Low Smoke Zero Halogen).
* **Strain Relief:** Molded "Snagless" boot to protect the RJ45 clip and ensure the minimum bend radius is maintained, preventing signal degradation.
---
- ⤷
What is the difference between S/FTP and UTP in terms of signal integrity?
- ⤷ Can this cable support 10GBASE-T speeds over short distances?
- ⤷ What does the 'RoHS' compliance signify for electronic components?