A-MCSSP60300-G-R
AI

The **A-MCSSP60300-G-R** is a specific part number typically associated with **Modular Patch Cables** (often categorized under ASSMANN WSW Components). This specific model refers to a high-quality, shielded Ethernet networking cable.
---
### 1. Technical Specifications
Below are the primary electronic and physical characteristics of this component:
| Feature | Specification |
| :--- | :--- |
| **Category** | Cat6 (Category 6) |
| **Connector Type** | RJ45 (8P8C) to RJ45 (8P8C) |
| **Shielding Type** | S/FTP (Shielded Foiled Twisted Pair) |
| **Length** | 3.0 Meters (~9.84 feet) |
| **Color** | Green (indicated by the "-G" in the suffix) |
| **Conductor Gauge** | 27 AWG |
| **Jacket Material** | LSZH (Low Smoke Zero Halogen) |
| **Gold Plating** | 3µm (on contacts) |
---
### 2. Breakdown of the Part Number
The alphanumeric code follows a specific logic used by the manufacturer:
* **A-MCSS:** Series prefix for Category 6 Shielded Modular Patch Cords.
* **P:** Denotes "Patch" cable.
* **60:** Represents Category 6 (Cat6).
* **300:** The length in centimeters (300cm = 3 meters).
* **G:** Color code for **Green**.
* **R:** Indicates RoHS (Restriction of Hazardous Substances) compliance.
---
### 3. Electronic Design Features
#### A. S/FTP Shielding
Unlike standard UTP (Unshielded) cables, this part features **S/FTP** architecture.
* **Individual Shielding:** Each of the four pairs is wrapped in foil to prevent "Crosstalk" between internal wires.
* **Overall Braid:** An outer tinned copper braid surrounds all pairs to protect against external **EMI (Electromagnetic Interference)** and **RFI (Radio Frequency Interference)**.
#### B. LSZH (Low Smoke Zero Halogen) Jacket
In the event of a fire, the electronic insulation of this cable is designed to emit limited smoke and no toxic halogens. This is a critical safety requirement for data centers and poorly ventilated industrial spaces.
#### C. Performance Capability
* **Frequency:** Rated for up to **250 MHz**.
* **Data Rate:** Supports up to **1 Gbps (Gigabit Ethernet)** over the full 3-meter length.
* **Strain Relief:** Features a molded "Snagless" boot to protect the RJ45 clip from breaking during installation.
---
### 4. Typical Applications
* **Data Centers:** High-density patching where EMI from neighboring cables is a concern.
* **Industrial Automation:** Connecting PLCs or industrial PCs in environments with electrical noise.
* **Server Racks:** Interconnecting switches, routers, and patch panels.
- ⤷
What is the difference in performance between this S/FTP cable and a standard UTP cable?
- ⤷ Does this specific part number support Power over Ethernet (PoE)?
- ⤷ Are there other color variants available for the A-MCSSP60 series?