Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • A1-R1

  • AI
    The **A1-R1** (often referred to as the **Slamtec RPLIDAR A1M8**) is an entry-level, 360-degree 2D Laser Range Scanner (LIDAR). It is widely used in robotics for SLAM (Simultaneous Localization and Mapping), obstacle avoidance, and environment scanning. Below is a breakdown of its primary electronic and mechanical components. --- ## 1. Core Electronic Components The device operates on a combination of optical sensing, data processing, and motor control. | Component | Function | Details | | :--- | :--- | :--- | | **Laser Emitter** | Light Source | Uses an infrared, low-power laser (Class 1 safety) to pulse light. | | **Image Sensor** | Receiver | Captures the reflection of the laser pulse after it hits an object. | | **Logic Controller** | Data Processing | An internal MCU (Microcontroller) that calculates the distance based on triangulation. | | **Brushless Motor** | Actuator | Rotates the entire optical head to achieve a 360-degree field of view. | | **Slip Ring / Wireless Power** | Connectivity | Allows the spinning head to receive power and send data to the fixed base without tangling wires. | --- ## 2. Technical Specifications The electronics are designed to interface with systems like Raspberry Pi, Arduino, or PCs via a serial connection. * **Input Voltage:** 5V (Standard USB power). * **Current Consumption:** ~100mA during startup, 600mA during operation. * **Communication Interface:** TTL UART (3.3V). * **Sample Rate:** Up to 8000 samples per second. * **Scan Frequency:** 1Hz to 10Hz (Adjustable via PWM). --- ## 3. Communication Architecture The A1-R1 communicates through a specific frame format. Below is a simplified representation of how the electronic pulses are translated into data: ```python # Conceptual representation of RPLIDAR data packet { "start_sign": "0xA5 0x5A", # Header identifying the start of data "distance": 150.5, # Measured in millimeters (mm) "angle": 45.2, # Measured in degrees (0-360) "quality": 15, # Signal strength (0-63) "sync_bit": 1 # Indicates start of a new scan } ``` --- ## 4. Operational Mechanism: Triangulation Unlike expensive "Time of Flight" (ToF) sensors, the A1-R1 electronics use **Triangulation**: 1. The laser emits a beam. 2. The beam reflects off an object and is captured by the high-speed vision camera sensor. 3. The displacement of the light spot on the sensor is used by the internal processor to calculate the distance of the object using geometry.
    ✨ Follow-up Questions
    • ⤷ How do you interface the A1-R1 with a Raspberry Pi using ROS?
    • ⤷ What is the difference between Triangulation and Time of Flight (ToF) in LIDARs?
    • ⤷ How can I adjust the rotation speed of the A1-R1 motor?