AI

The **A10703-RSCB-E** is a specific electronic component within the rotary switch category, manufactured by **C&K** (now part of Littelfuse). It belongs to the **A Series** of rotary switches, which are widely used for industrial, medical, and consumer control panels.
---
### 1. Technical Specifications
Below are the primary technical characteristics of the A10703-RSCB-E:
| Feature | Specification |
|:---|:---|
| **Manufacturer** | C&K / Littelfuse |
| **Circuit / Poles** | Single Pole, 7 Position (SP7T) |
| **Current Rating** | 2.5A (AC), 350mA (DC) |
| **Voltage Rating** | 125V AC / 125V DC |
| **Actuator Type** | Round (Short) Actuator |
| **Contact Material** | Silver Plated (Standard) |
| **Termination Style** | PC Pin (Through-hole mounting) |
| **Indexing Angle** | 30° |
---
### 2. Breakdown of the Part Number
The part number is alphanumeric, where each segment represents a specific mechanical or electrical configuration:
* **A**: Product Series (A Series Multi-pole Rotary Switch).
* **107**: **1** indicates a single pole; **07** indicates 7 active positions.
* **03**: Actuator length and style (in this case, a .375" high plastic actuator).
* **RS**: Round Shaft (design of the physical turning point).
* **CB**: Contact Material/Plating (Typically Gold over Silver for improved conductivity and corrosion resistance).
* **E**: Epoxy Seal (Terminal seal to prevent flux contamination during soldering).
---
### 3. Key Electronic Features
* **Shorting vs. Non-Shorting:** This model typically features **Non-Shorting (Break-Before-Make)** contacts. This means the connection to the first position is broken before the connection to the second position is made, preventing momentary electrical shorts between circuits.
* **PC Mounting:** The pins are designed for direct soldering onto a Printed Circuit Board (PCB).
* **Durability:** It is rated for approximately 15,000 cycles at full load, making it suitable for high-reliability applications.
---
### 4. Common Applications
Due to its 7-position configuration and PCB-mount design, it is frequently used in:
1. **Test Equipment:** Selecting between different measurement modes (Voltage, Current, Resistance).
2. **Audio Gear:** Channel selection or gain stepping.
3. **Industrial Controls:** Speed settings or mode selection for heavy machinery.
- ⤷
What is the difference between shorting and non-shorting contacts in rotary switches?
- ⤷ Can the number of positions be adjusted manually on this specific model?
- ⤷ What are the environmental ratings (IP rating) for the A series switches?