A107P4CWCQ0Q
AI

The **A107P4CWCQ0Q** is a specific model of a **Miniature Toggle Switch** manufactured by **TE Connectivity (Alcoswitch)**. It is designed for high-reliability applications where space and environmental sealing are critical factors.
---
### 1. Technical Specifications
The part number follows a specific nomenclature that defines its electronic and physical characteristics:
| Feature | Specification |
| :--- | :--- |
| **Switch Function** | SPDT (Single Pole Double Throw) |
| **Circuit configuration** | ON-NONE-ON |
| **Contact Rating** | 5A @ 120VAC or 28VDC; 2A @ 250VAC |
| **Termination Style** | PC Pin (Printed Circuit) |
| **Actuator Style** | Large Toggle (P4) |
| **Bushing Type** | 1/4-40 Threaded |
| **Contact Plating** | Silver (standard for power switching) |
| **Environmental Protection** | Splash-proof (CWC - Sealed) |
---
### 2. Breakdown of the Part Number
The alphanumeric code provides a detailed map of the component's construction:
* **A107**: The base series (A-Series) indicating a Single Pole (SP) configuration. The "07" suffix typically denotes the standard "ON-NONE-ON" logic.
* **P4**: Refers to the **Actuator type**. In this case, it is a larger, heavy-duty toggle compared to the micro-toggle variants.
* **CW**: Indicates a **Sealed/Splash-proof** construction. It includes an internal O-ring or sealing mechanism to prevent liquid or dust ingress from the front panel.
* **CQ**: Specifies the **Contact Material**. "Q" typically represents Silver contacts, which are preferred for general power applications.
* **0Q**: Standard packaging and factory finish codes.
---
### 3. Electronic Design Considerations
#### Contact Resistance and Life
* **Contact Resistance**: Usually rated at 10mΩ maximum initially.
* **Dielectric Strength**: 1,000 Vrms at sea level.
* **Electrical Life**: Rated for approximately 60,000 to 100,000 cycles at full load.
#### Typical Applications
Due to its sealed nature and PC pin termination, this switch is frequently found in:
1. **Industrial Controls**: Panels exposed to moisture or debris.
2. **Medical Equipment**: Devices requiring frequent cleaning/sanitization.
3. **Communication Gear**: Outdoor or ruggedized handheld units.
4. **Test Instrumentation**: PCB-mounted switches for mode selection.
---
### 4. Mounting Details
The switch is designed for **Through-Hole Mounting** on a PCB. The threaded bushing allows it to be secured to a panel simultaneously, providing mechanical stability so that the solder joints do not bear the force of the toggle movement.
- ⤷
What are the alternative contact materials for this switch series (e.g.
- ⤷ Gold vs Silver)?
- ⤷ How does the 'CWC' sealing rating compare to IP67 standards?
- ⤷ Is there a DPDT version of this specific sealed toggle switch?