Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • A1S-R

  • AI
    The **A1S-R** is a specific electronic component belonging to the **Mitsubishi MELSEC-AnS Series** Programmable Logic Controller (PLC) family. Specifically, it is a **Remote Terminal Unit (RTU)** module designed for distributed control systems. --- ## 1. Core Specifications The A1S-R acts as a head station for a remote I/O link. It allows the main PLC CPU to communicate with decentralized inputs and outputs over a long distance. | Parameter | Specification | | :--- | :--- | | **Series** | MELSEC-AnS (Small Type) | | **Function** | Remote Terminal Module | | **Communication Protocol** | MELSECNET/B or MELSECNET(Ⅱ) | | **Interface** | RS-422 / Twisted Pair Cable | | **Input/Output Points** | Up to 64 points per module | | **Dimensions** | 130mm (H) x 34.5mm (W) x 93.6mm (D) | --- ## 2. Key Electronic Components & Internal Layout While the internal circuitry is proprietary to Mitsubishi Electric, the hardware architecture generally consists of the following electronic stages: ### A. Communication Processor * **The ASIC:** A custom Mitsubishi integrated circuit handles the token-passing protocol for the MELSECNET data link. * **Baud Rate Selection:** Physical DIP switches on the side or front are used to set the transmission speed and station number. ### B. Signal Conditioning & Isolation * **Optocouplers:** Used to provide galvanic isolation between the communication line and the internal logic, protecting the CPU from high-voltage surges on the data line. * **Pulse Transformers:** Often found near the RS-422 ports to ensure impedance matching and noise rejection. ### C. Power Management * **DC-DC Converter:** Converts the backplane voltage (typically 5V DC) into the various stabilized voltages required for the internal ICs. * **Decoupling Capacitors:** Electrolytic and ceramic capacitors filter out ripple and noise from the power supply. --- ## 3. Connection Interface The physical connection to the rest of the system is handled through specific ports: 1. **Backplane Connector:** A multi-pin connector that plugs into the AnS series base unit (e.g., A1S38B). 2. **Terminal Block:** A screw-terminal interface for the twisted-pair communication cables. 3. **LED Status Indicators:** * **RUN:** Indicates the module is powered and functional. * **LINK:** Indicates active communication with the master station. * **ERROR:** Indicates a communication timeout or internal hardware failure. --- ## 4. Typical Application Circuit The A1S-R is typically wired in a "Daisy Chain" or "Bus" topology. ```text [Master PLC CPU] <---- Twisted Pair ----> [A1S-R Station 1] <---- Twisted Pair ----> [A1S-R Station 2] ``` --- ### ⚠️ Maintenance Note As the AnS series is now considered **obsolete (EOL)** by Mitsubishi, electronic failures are commonly caused by **aging electrolytic capacitors** or **oxidation** on the backplane gold fingers. If repairing an A1S-R, checking the ESR (Equivalent Series Resistance) of the capacitors is a recommended first step.
    ✨ Follow-up Questions
    • ⤷ What are the compatible base units for the A1S-R module?
    • ⤷ How do you set the station number using the physical switches on the A1S-R?
    • ⤷ What is the modern Mitsubishi replacement for the MELSECNET/B protocol?