Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • A2AB

  • AI
    The **A2B (Automotive Audio Bus)** is a high-bandwidth, bidirectional digital audio bus technology developed by **Analog Devices**. It is designed to transport I2S/TDM data and control information (I2C) over a single unshielded twisted pair (UTP) cable. Below is an explanation of the electronic components and architecture involved in an A2B system. --- ### 1. The Transceiver ICs (The Heart of A2B) The most critical electronic parts are the dedicated transceiver chips. These handle the clock recovery, data encoding/decoding, and power management. | Component Series | Role | Description | | :--- | :--- | :--- | | **AD242x Series** | Master/Slave | The standard series (e.g., AD2428) used for multi-node audio distribution. | | **AD243x Series** | Enhanced Performance | Newer generation with higher bus power capabilities and lower latency. | | **AD241x Series** | Legacy | Original series used for basic microphone/sensor arrays. | ### 2. Physical Layer Components To function, the A2B ICs require specific passive and protection components to ensure signal integrity and electromagnetic compatibility (EMC). * **Common Mode Chokes (CMC):** Essential for filtering noise on the twisted pair. They prevent the bus from emitting or receiving EMI. * **AC Coupling Capacitors:** Used on the differential data lines ($D+$ and $D-$) to separate the DC power from the AC data signals. * **Termination Resistors:** Typically $121 \Omega$ resistors are used to match the impedance of the twisted pair cable to prevent signal reflections. ### 3. Power Management (Phantom Power) A2B can deliver DC power to slave nodes over the same wires used for data. This involves: * **Power Inductors:** Used to inject and extract DC power from the high-speed data line without interfering with the signal. * **LDOs / Buck Converters:** Located on each slave node to step down the bus voltage (usually 5V to 9V) to the 1.8V or 3.3V required by the local MCU or sensors. ### 4. Peripherals (The "I/O" Endpoints) The A2B transceivers act as a bridge between the bus and these electronic parts: * **Digital Microphones (PDM/I2S):** Often used in ANC (Active Noise Cancellation) or voice recognition. * **Audio Codecs / DACs:** Convert the digital A2B stream back to analog signals for speakers. * **Class-D Amplifiers:** Directly receive I2S/TDM data from the A2B slave to drive automotive speakers. * **Sensors:** Accelerometers for Road Noise Cancellation (RNC) can be connected via the I2C interface on the A2B chip. --- ### Summary Table: A2B Node Architecture | Feature | Master Node (Head Unit) | Slave Node (Speaker/Mic) | | :--- | :--- | :--- | | **Microcontroller** | Required (System Host) | Optional (Can be hostless) | | **Clock Source** | Crystal/Oscillator required | Recovered from the Bus | | **Power Source** | Local (Car Battery) | Bus-powered (Phantom Power) | | **Connectivity** | I2S/TDM to SoC | I2S/TDM to Mic/Amp | ---
    ✨ Follow-up Questions
    • ⤷ What are the maximum cable length and node count limitations for A2B?
    • ⤷ How does A2B compare to traditional automotive wiring in terms of weight reduction?
    • ⤷ What is the specific role of the 'Phantom Power' feature in A2B nodes?