AAC-A3134-R
AI

Based on technical specifications for the **AAC-A3134-R**, this component is a high-performance **Surface Mount (SMT) Omnidirectional MEMS Microphone**. It is widely used in consumer electronics for voice capture and noise cancellation.
---
## 1. Core Technical Specifications
The following table summarizes the primary electrical and physical characteristics of the AAC-A3134-R:
| Parameter | Specification |
| :--- | :--- |
| **Type** | MEMS (Micro-Electromechanical System) |
| **Directivity** | Omnidirectional |
| **Output Type** | Analog |
| **Sensitivity** | -38 dBV/Pa (±3dB) |
| **Signal-to-Noise Ratio (SNR)** | ~62 - 64 dB |
| **Supply Voltage (Vdd)** | 1.5V to 3.6V |
| **Frequency Range** | 100 Hz to 10 kHz |
| **Current Consumption** | < 200 μA |
| **Mounting Type** | Surface Mount (Bottom Port) |
---
## 2. Key Internal Components
The "Electronic Parts" within this single package consist of two main integrated structures:
### A. The MEMS Sensor Element
This is a silicon-based acoustic sensor. It consists of a flexible **diaphragm** and a fixed **backplate**.
- Sound waves enter through the bottom port, causing the diaphragm to move.
- This movement changes the capacitance between the diaphragm and the backplate, converting sound into a tiny electrical charge.
### B. The ASIC (Application Specific Integrated Circuit)
Since the raw signal from the MEMS element is extremely weak and high-impedance, an internal ASIC is required to:
1. **Preamplification:** Boost the signal to a usable analog level.
2. **Impedance Conversion:** Lower the output impedance so the signal can travel to the main processor without significant loss or noise interference.
3. **Charge Pump:** Provides the necessary bias voltage for the MEMS sensor.
---
## 3. Physical Interface & Pinout
The device is typically housed in a small LGA (Land Grid Array) package. Common pin configurations include:
* **Output (Out):** The analog audio signal.
* **Ground (GND):** Common ground for the circuit and shielding.
* **Vdd (Power):** DC power supply input.
---
## 4. Common Applications
Due to its small footprint and low power consumption, the AAC-A3134-R is commonly found in:
* **Mobile Devices:** Smartphones and tablets.
* **Wearables:** Smartwatches and fitness trackers.
* **IoT Devices:** Smart home assistants and voice-activated sensors.
* **Headsets:** Used for both voice pick-up and Active Noise Cancellation (ANC) arrays.
- ⤷What is the difference between top-port and bottom-port MEMS microphones?
- ⤷ How do I calculate the power consumption of this microphone in a battery-powered circuit?
- ⤷ What are the recommended soldering profiles for SMT MEMS components?