Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • AAC-A3144-R

  • AI
    ## Overview of the A3144 Hall Effect Sensor The **A3144** (often referred to by variants like AAC-A3144-R) is a high-sensitivity, temperature-stable **Hall Effect Switch**. It is a non-contact magnetic sensor primarily used for detecting the presence of a magnetic field, specifically the South pole of a magnet. --- ### 1. Key Technical Specifications | Feature | Specification | | :--- | :--- | | **Sensor Type** | Unipolar Hall Effect Switch | | **Operating Voltage** | 4.5V to 24V DC | | **Output Current** | 25 mA (maximum sink current) | | **Output Type** | Open-Collector (Digital) | | **Operating Temperature** | -40°C to +150°C | | **Switching Speed** | Up to 100 kHz | --- ### 2. Pin Configuration The A3144 typically comes in a **TO-92S** package (small 3-pin transistor style). 1. **VCC (Pin 1):** Connects to the positive supply voltage (4.5V - 24V). 2. **GND (Pin 2):** Connects to the circuit ground. 3. **OUT (Pin 3):** The digital output signal. --- ### 3. Operational Mechanics The A3144 operates as a **Unipolar Switch**: * **Presence of Magnetic Field (South Pole):** The internal transistor turns ON, pulling the `OUT` pin to Ground (Low). * **Absence of Magnetic Field:** The internal transistor turns OFF. Because it is an **Open-Collector** output, the `OUT` pin becomes high-impedance. * **Requirement:** You **must** use a pull-up resistor (typically 10kΩ) between the `OUT` pin and `VCC` to get a high voltage signal when the magnet is away. --- ### 4. Internal Components Inside the small silicon chip, the A3144 contains several critical stages: * **Voltage Regulator:** Allows the chip to operate over a wide voltage range. * **Hall-Voltage Generator:** The core transducer that reacts to magnetic flux. * **Small-Signal Amplifier:** Boosts the tiny Hall voltage. * **Schmitt Trigger:** Adds hysteresis to prevent "chatter" or noise when the magnet is at the edge of the detection range. * **Open-Collector Output:** The final stage that acts as a switch to ground. --- ### 5. Common Applications * **RPM Counting:** Detecting magnets mounted on a spinning wheel or motor shaft. * **Proximity Sensing:** Detecting when a door or lid is closed. * **Limit Switching:** Used in 3D printers or CNC machines to define home positions. * **Liquid Level Sensing:** Detecting a float with an internal magnet. ---
    ✨ Follow-up Questions
    • ⤷What is the difference between a Unipolar and Bipolar Hall effect sensor?
    • ⤷ How do I calculate the correct pull-up resistor value for the A3144?
    • ⤷ Can the A3144 detect both North and South poles of a magnet?