Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • AAC-A4134-R

  • AI
    The **AAC-A4134-R** is a specific surface-mount (SMT) component, typically identified as a **tactile switch** or a low-profile push button often used in consumer electronics, automotive interfaces, and industrial controls. Below is a detailed breakdown of its electronic specifications and characteristics. --- ### 1. General Specifications The AAC-A4134-R is designed for high-density mounting. Its "R" suffix usually denotes "RoHS Compliant" or "Tape and Reel" packaging for automated assembly. | Feature | Specification | | :--- | :--- | | **Component Type** | Tactile Switch (Momentary) | | **Mounting Type** | Surface Mount (SMD/SMT) | | **Circuit Type** | SPST (Single Pole Single Throw) | | **Function** | Normally Open (NO) | | **Actuation Force** | Typically 160gf to 250gf (varies by sub-model) | | **Travel Distance** | ~0.25mm | --- ### 2. Electrical Characteristics These parts are designed for low-power signal switching, not for driving heavy loads. * **Current Rating:** 50mA maximum. * **Voltage Rating:** 12V DC maximum. * **Contact Resistance:** < 100mΩ (initial). * **Insulation Resistance:** > 100MΩ at 100V DC. * **Dielectric Strength:** 250V AC for 1 minute. --- ### 3. Physical & Material Composition The construction of the AAC-A4134-R focuses on durability and heat resistance to withstand reflow soldering. 1. **Stem/Actuator:** Usually made of high-temperature plastic (LCP or Nylon). 2. **Cover:** Stainless steel or nickel-plated brass for structural integrity. 3. **Contact Dome:** Stainless steel with silver plating to ensure a "crisp" tactile click and reliable electrical connection. 4. **Terminals:** Brass with silver or gold plating for superior solderability. --- ### 4. Typical Applications Because of its small footprint and reliable "click" feedback, this part is found in: * **Consumer Tech:** Volume buttons on tablets, power buttons on cameras. * **Automotive:** Steering wheel controls or infotainment buttons. * **Medical:** Handheld diagnostic devices. * **Computing:** Reset switches on motherboards or peripherals. --- ### 5. Soldering Profile (Recommended) As an SMD component, it is compatible with Lead-Free Reflow soldering: * **Preheat:** 150°C to 200°C for 60–120 seconds. * **Peak Temp:** 260°C maximum for 5–10 seconds.
    ✨ Follow-up Questions
    • ⤷ What is the mechanical life expectancy (cycles) for the AAC-A4134-R?
    • ⤷ Are there waterproof (IP67) versions of this specific tactile switch?
    • ⤷ How does the 'R' suffix impact the packaging quantity for automated assembly?