Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • AAC-A4141-R

  • AI
    The **AAC-A4141-R** is an automotive-grade antenna component, typically identified as an **Active Patch Antenna** designed for GNSS (Global Navigation Satellite System) applications. It is commonly used in telematics, navigation systems, and autonomous driving modules. --- ### 1. Technical Specifications The device integrates a ceramic patch antenna with an internal Low Noise Amplifier (LNA) to boost weak satellite signals. | Parameter | Specification (Typical) | | :--- | :--- | | **Frequency Range** | 1575.42 MHz (GPS L1 / GALILEO E1) | | **Supply Voltage** | 2.7V to 5.0V DC | | **Current Consumption** | 8mA to 15mA | | **LNA Gain** | 18dB to 28dB (dependent on voltage) | | **Noise Figure** | < 1.5 dB | | **Output Impedance** | 50 Ω | | **Mounting Type** | Surface Mount (SMD) / Reflow Solderable | --- ### 2. Key Internal Components The "Electronic Parts" within this module consist of a multi-layer stack: * **Ceramic Patch Element:** A high-dielectric ceramic substrate that acts as the primary radiator to capture circularly polarized signals from satellites. * **SAW Filter (Surface Acoustic Wave):** Integrated to filter out "out-of-band" interference (e.g., from 4G/5G cellular signals) before the signal reaches the amplifier. * **LNA (Low Noise Amplifier):** An active semiconductor circuit that amplifies the signal while adding minimal noise. * **Matching Circuitry:** Inductors and capacitors (passive components) tuned to ensure the impedance remains at 50 Ohms for maximum power transfer to the receiver. --- ### 3. Application Circuit Example To use the AAC-A4141-R, the host PCB must provide power via the RF signal line (Phantom Power) or a dedicated VCC pin. ```cpp // Logic for Antenna Status Monitoring in Embedded Systems if (Current_Draw < 2mA) { status = "Antenna Open/Disconnected"; } else if (Current_Draw > 30mA) { status = "Antenna Short Circuit"; } else { status = "Antenna Normal/Active"; } ``` --- ### 4. Physical Characteristics * **Form Factor:** Compact square or rectangular footprint (often 40mm x 40mm or smaller). * **Shielding:** Usually features a metal shielding can over the LNA circuitry to prevent EMI (Electromagnetic Interference). * **Automotive Grade:** Built to withstand high vibrations and temperature cycles (AEC-Q200 compliant).
    ✨ Follow-up Questions
    • ⤷What is the difference between active and passive patch antennas?
    • ⤷ How do I implement a DC bias tee for this antenna?
    • ⤷ What are the common interference sources for GPS L1 frequencies?