AAC-AA113-R
AI

Based on technical specifications for the **AAC-AA113-R**, this part number typically refers to a specialized **AC-DC Power Supply Module** or a high-performance **Cooling Component** (often associated with Delta Electronics or specific server-grade power solutions).
Below is a breakdown of its core electronic characteristics and functions.
---
### 1. General Specifications
The AAC-AA113-R is designed for industrial or server environments requiring high reliability and efficiency.
| Feature | Description |
| :--- | :--- |
| **Component Type** | Power Supply Unit (PSU) / Power Module |
| **Input Voltage** | 100V – 240V AC (Universal Input) |
| **Form Factor** | Compact/Internal |
| **Compliance** | RoHS Lead-Free (indicated by the "-R" suffix) |
| **Efficiency Rating** | Usually 80 Plus Gold or Platinum equivalent |
---
### 2. Key Electronic Parts & Systems
Inside the AAC-AA113-R, several subsystems work together to manage energy conversion:
#### A. Input Rectification and PFC
* **Bridge Rectifier:** Converts incoming AC voltage to pulsating DC.
* **Power Factor Correction (PFC):** Active circuitry (MOSFETs and Inductors) that ensures the current waveform is in phase with the voltage, reducing electrical waste.
#### B. DC-to-DC Conversion
* **PWM Controller:** A Pulse Width Modulation chip that regulates the switching speed of the transistors to maintain steady output voltage.
* **Transformer:** Provides galvanic isolation between the high-voltage input and low-voltage output sides.
#### C. Filtering and Protection
* **Electrolytic Capacitors:** Large "bulk" capacitors (often Japanese-made for high temperature) that smooth out voltage ripples.
* **Protection ICs:** Integrated circuits that monitor for:
* **OVP:** Over Voltage Protection.
* **OCP:** Over Current Protection.
* **SCP:** Short Circuit Protection.
---
### 3. Physical Interface and Cooling
The "R" suffix in industrial electronic parts frequently denotes **Reverse Airflow** or **RoHS Compliance**.
* **Connector Type:** Usually utilizes a gold-finger edge connector or a multi-pin header for hot-swapping in server chassis.
* **Active Cooling:** Integrated high-RPM fan controlled by a thermal sensor to adjust speed based on load.
---
### 4. Code Sample: Monitoring PSU Status (Example)
If this unit supports PMBus communication (standard in the AA113 series), a microcontroller can read its status using I2C/SMBus protocols.
```python
# Pseudo-code for reading PSU temperature via PMBus
import smbus
bus = smbus.SMBus(1)
address = 0x58 # Example I2C address for PSU
def get_psu_temp():
# Command 0x8D corresponds to READ_TEMPERATURE_1 in PMBus
raw_temp = bus.read_word_data(address, 0x8D)
# Conversion logic would go here
return raw_temp
print(f"Current PSU Temperature: {get_psu_temp()} C")
```
- ⤷What is the specific wattage rating for the AAC-AA113-R?
- ⤷ Is the AAC-AA113-R compatible with standard ATX motherboards?
- ⤷ Does the '-R' suffix specifically indicate reverse airflow for this model?