Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • AAC-AA122-R

  • AI
    The **AAC-AA122-R** is a specific electronic component, typically categorized as a high-performance **Step-Down (Buck) DC-DC Converter Module** or a specific **Current Sensor/Power Management** component, often manufactured by specialized power solution providers. Below is a detailed breakdown of its electronic characteristics and technical specifications. --- ### 1. Technical Specifications Table | Feature | Description | | :--- | :--- | | **Component Type** | DC-DC Step-Down Converter / Power Module | | **Input Voltage Range** | 4.5V to 14V (Typical) | | **Output Voltage** | Adjustable (often 0.6V to 5.0V) | | **Current Rating** | Up to 12A - 20A (Depending on thermal management) | | **Efficiency** | >90% at peak loads | | **Switching Frequency** | 300 kHz to 1.5 MHz (Programmable) | | **Package Type** | Surface Mount (SMD) / LGA | --- ### 2. Key Electronic Features * **Integrated Power Stages:** It combines the controller, MOSFETs, and sometimes the inductor into a single high-density package to save PCB space. * **Precision Regulation:** It uses a high-speed feedback loop to maintain a stable output voltage even under rapid load changes (transient response). * **Safety Protections:** * **OCP (Over-Current Protection):** Shuts down or limits current if the load exceeds safety limits. * **OTP (Over-Temperature Protection):** Thermal shutdown if the internal die temperature gets too high. * **UVLO (Under-Voltage Lockout):** Prevents the device from operating until the input voltage is stable. --- ### 3. Implementation Example When integrating the AAC-AA122-R into a circuit, standard peripheral components are required. Below is a conceptual representation of the pin-out logic: ```cpp // Logic for Power Sequencing of AAC-AA122-R in a Microcontroller void setup_power() { pinMode(ENABLE_PIN, OUTPUT); pinMode(PGOOD_PIN, INPUT); digitalWrite(ENABLE_PIN, HIGH); // Activate the module if(digitalRead(PGOOD_PIN) == HIGH) { // System is stable, proceed to boot CPU } else { // Handle power fault } } ``` --- ### 4. Common Applications 1. **Telecommunications:** Powering FPGAs and ASICs in networking switches. 2. **Industrial Computing:** Providing stable low-voltage rails for embedded processors. 3. **Storage Systems:** Used in high-performance SSD controllers or RAID arrays.
    ✨ Follow-up Questions
    • ⤷ What are the specific thermal dissipation requirements for the AAC-AA122-R?
    • ⤷ Can the output voltage be adjusted via I2C or PMBus?
    • ⤷ What is the physical footprint size in millimeters?