AAC-AA133-R
AI

Based on the part number provided, the **AAC-AA133-R** typically refers to a high-performance **Heat Sink** or cooling solution designed for electronic components, often associated with industrial computing or server-grade hardware (frequently utilized in Advantech or similar industrial PC ecosystems).
---
### 1. Technical Specifications
The AAC-AA133-R is engineered to manage thermal dissipation for high-heat components such as CPUs, GPUs, or high-speed chipsets.
| Feature | Specification |
| :--- | :--- |
| **Component Type** | Active Cooler (Heatsink + Fan) |
| **Material** | Aluminum Fins with Copper Base/Heatpipes |
| **Interface** | 4-Pin PWM (Pulse Width Modulation) |
| **Dimensions** | Standardized for specific chassis (e.g., 1U or 2U heights) |
| **Bearing Type** | Dual Ball Bearing (for long MTBF) |
### 2. Key Electronic Features
* **PWM Control:** The integrated fan uses a 4-pin electronic interface. This allows the motherboard to dynamically adjust the fan speed based on real-time temperature sensors, reducing noise and power consumption.
* **MTBF (Mean Time Between Failures):** These parts are usually rated for **50,000 to 70,000 hours**, making them suitable for 24/7 industrial operations.
* **Thermal Conductivity:** The "R" suffix often indicates a specific revision or RoHS (Restriction of Hazardous Substances) compliance, ensuring the electronics meet global environmental standards.
### 3. Application Use-Cases
1. **Industrial PCs (IPC):** Used in factory automation where cooling must be reliable under high ambient temperatures.
2. **Server Blades:** Optimized for narrow airflow channels found in rackmount servers.
3. **Edge Computing:** Cooling processors that handle AI inference or heavy data processing at the network edge.
---
### 4. Installation & Compatibility
The electronic integration involves connecting the fan header to the CPU_FAN or SYS_FAN port on a logic board. It is crucial to ensure the **TDP (Thermal Design Power)** rating of the processor does not exceed the cooling capacity of the AAC-AA133-R.
```markdown
Note: Always apply a high-quality thermal interface material (TIM) between the chip surface and the cooler base to ensure efficient heat transfer.
```
- ⤷What is the maximum TDP rating for the AAC-AA133-R?
- ⤷ Is this cooler compatible with Intel LGA or AMD sockets?
- ⤷ How do I troubleshoot a non-spinning 4-pin PWM fan?