Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • AAC-AB121-R

  • AI
    The **AAC-AB121-R** is a specific model of an **Audio Power Amplifier Board**, typically manufactured by Wondom (Sure Electronics). It is designed for high-fidelity audio applications, leveraging Class D amplification technology. ### 1. Key Technical Specifications | Parameter | Specification | | :--- | :--- | | **Amplifier Class** | Class D | | **Output Power** | 1 x 100 Watt | | **Supported Load** | 2Ω (Optimized) to 4Ω | | **Voltage Input Range** | 10V to 30V DC | | **Chipset** | TPA3116 (typically) | | **Signal-to-Noise Ratio** | 100 dB | | **Efficiency** | >90% | --- ### 2. Core Electronic Components The board is composed of several critical stages that manage power, signal, and heat: #### A. The Power Amplifier IC The heart of the board is usually a **Texas Instruments TPA3116** (or similar). This is a high-efficiency Class D controller that uses Pulse Width Modulation (PWM) to amplify the audio signal while generating minimal heat compared to traditional Class AB amplifiers. #### B. LC Filter (Output Stage) Because Class D amplifiers output a high-frequency PWM square wave, the board includes an **LC Filter** (Inductors and Capacitors). * **Inductors:** Filter out the high-frequency switching noise. * **Capacitors:** Smooth the waveform back into an analog sine wave for the speaker. #### C. Power Management & Protection The board integrates several protection circuits to prevent damage to the components: * **Over-voltage/Under-voltage Protection:** Shuts down if the DC input is outside the 10-30V range. * **Thermal Protection:** A heatsink is mounted on the main IC; if temperatures exceed safety limits, the chip throttles or shuts down. * **Short-circuit Protection:** Prevents the board from burning out if the speaker leads touch. #### D. Input Section The board features an RCA or 3.5mm jack input. It uses high-quality coupling capacitors to block DC offset from the input source, ensuring only the AC audio signal is amplified. --- ### 3. Connection Pinout Overview | Port | Type | Function | | :--- | :--- | :--- | | **VCC/GND** | Screw Terminal | Main DC Power Input | | **OUT+ / OUT-** | Screw Terminal | Connection to the Speaker (Mono) | | **Line In** | RCA / PH Header | Analog Audio Signal Input | --- ### 4. Implementation Tips * **Power Supply:** For maximum 100W output, use a **24V 5A** power supply. Using a lower voltage (e.g., 12V) will result in significantly lower output power. * **Cooling:** Ensure the board is mounted in a ventilated enclosure, as the heatsink requires airflow during prolonged high-volume use.
    ✨ Follow-up Questions
    • ⤷ What is the recommended power supply for the AAC-AB121-R to achieve maximum volume?
    • ⤷ Can this board be used with an 8-ohm speaker?
    • ⤷ How do I wire multiple AAC-AB121-R boards for a stereo setup?