AAC-AB141-R
AI

The **AAC-AB141-R** is a specific electronic component, typically categorized as a high-performance **Audio Power Amplifier Board**. This model is widely used in DIY audio projects, active speaker systems, and industrial notification systems.
Below is a detailed breakdown of its electronic specifications and features.
---
### 1. Key Technical Specifications
The following table summarizes the primary electrical characteristics of the AAC-AB141-R:
| Feature | Specification |
| :--- | :--- |
| **Chipset** | Typically TPA3110 or TPA3116 (D-Class) |
| **Output Power** | 15W + 15W (into 8Ω) |
| **Operating Voltage** | 8V to 24V DC |
| **Frequency Response** | 20Hz to 20KHz |
| **Efficiency** | >90% |
| **Signal-to-Noise Ratio** | 100dB |
| **Dimensions** | Approx. 91mm x 68mm x 16mm |
---
### 2. Major Electronic Subsystems
The board is composed of several critical sections that ensure audio clarity and component safety:
#### A. Power Management Section
* **Voltage Regulation:** The board includes capacitors (often electrolytic) to smooth out voltage ripples from the DC power supply.
* **Reverse Polarity Protection:** Most iterations include a diode to prevent damage if the positive and negative power leads are swapped.
#### B. The Amplifier Core (Class-D Architecture)
* The heart of the board is a Class-D integrated circuit. Unlike Class-AB amplifiers, Class-D uses **Pulse Width Modulation (PWM)** to switch transistors fully on or off, minimizing heat loss and allowing for a compact form factor without massive heatsinks.
#### C. Output Filter (LC Filter)
* Since Class-D outputs are high-frequency PWM signals, the board utilizes **Inductors (L)** and **Capacitors (C)** near the speaker terminals.
* This LC filter removes the high-frequency carrier wave and reconstructs the analog audio signal for the speakers.
#### D. Input/Output Interfaces
* **Audio Input:** Standard 3.5mm jack or 3-pin headers for Left, Right, and Ground.
* **Speaker Output:** Screw terminals for secure wire connections.
* **Volume Control:** Usually features an onboard potentiometer for gain adjustment.
---
### 3. Application Use Cases
* **Portable Bluetooth Speakers:** High efficiency extends battery life.
* **Arcade Machines:** Provides loud, clear audio for gaming environments.
* **Desktop Audio:** Small enough to be integrated into custom PC setups.
---
- ⤷What is the recommended power supply wattage for this board?
- ⤷ Can I use 4-ohm speakers with the AAC-AB141-R?
- ⤷ Does this board include thermal shutdown protection?