AAC-AC121-R/Q
AI

The **AAC-AC121-R/Q** typically refers to a high-performance **Crystal Oscillator (XO)** or a related frequency control component often used in automotive and industrial applications. These parts are engineered for high stability and reliability under harsh conditions.
---
### 1. Key Technical Specifications
Based on standard industry naming conventions for this series (often associated with manufacturers like Abracon or similar timing component specialists), here are the primary electronic characteristics:
| Parameter | Typical Value / Specification |
| :--- | :--- |
| **Frequency Range** | Usually 1.000 MHz to 160.000 MHz |
| **Operating Voltage** | 1.8V, 2.5V, or 3.3V (Model dependent) |
| **Stability** | ±25 ppm to ±50 ppm |
| **Output Type** | CMOS / LVCMOS |
| **Operating Temp** | -40°C to +125°C (Automotive Grade) |
| **Package Size** | Often 2.0 x 1.6 mm or 2.5 x 2.0 mm (SMD) |
---
### 2. Suffix Meanings (R/Q)
The suffixes in the part number are critical for identifying the specific "tier" of the component:
* **-Q (AEC-Q200):** This indicates that the part is **Automotive Grade**. It has passed rigorous stress tests (mechanical shock, vibration, and thermal cycling) defined by the Automotive Electronics Council.
* **-R (RoHS/Reel):** Usually indicates compliance with **RoHS** (Restriction of Hazardous Substances) and that the part is supplied on **Tape & Reel** for automated SMT (Surface Mount Technology) assembly.
---
### 3. Electronic Architecture
The internal structure of the AAC-AC121 series typically consists of:
1. **AT-Cut Quartz Crystal:** The core resonator providing the fundamental frequency.
2. **Oscillator IC:** An application-specific integrated circuit (ASIC) that handles the gain, temperature compensation (if applicable), and output buffering.
3. **Hermetically Sealed Package:** A ceramic base with a metal lid, seam-sealed to protect the crystal from moisture and atmospheric pressure changes.
---
### 4. Common Applications
Due to the **-Q** designation, these parts are found in:
* **ADAS Systems:** Radar and camera modules requiring precise timing.
* **Infotainment:** Car audio and navigation processing.
* **Industrial Control:** High-reliability PLC and automation systems.
* **Networking:** Compact timing for Ethernet and IoT gateways.
---
### 5. Implementation Example
In a typical circuit, the oscillator requires a bypass capacitor (0.1µF) placed as close as possible to the VDD pin to filter out power supply noise.
```c
// Typical Pin Configuration
Pin 1: OE (Output Enable) or NC
Pin 2: GND (Ground)
Pin 3: Output (Clock Signal)
Pin 4: VDD (Power Supply)
```
- ⤷
What is the exact frequency of your specific AAC-AC121 unit?
- ⤷ Are you looking for an equivalent cross-reference for this part?
- ⤷ Do you need the specific AEC-Q200 test report for this component?