AAC-AC124-R/Q
AI

The **AAC-AC124-R/Q** is a specific variant of an **Automotive Relay** (typically associated with ISO-style micro or mini relays). These components are designed to switch high-current loads using a low-current control signal, specifically optimized for vehicular environments.
Below is a detailed breakdown of the electronic parts and technical specifications.
---
### 1. Technical Specifications
The following table outlines the typical electrical and mechanical characteristics of this relay series:
| Parameter | Specification |
| :--- | :--- |
| **Coil Voltage** | 12V DC (Nominal) |
| **Contact Arrangement** | SPDT (1 Form C) or SPST (1 Form A) |
| **Max Switching Current** | 30A to 40A (Load dependent) |
| **Contact Material** | Silver Alloy (AgSnO2) for arc resistance |
| **Operating Temperature** | -40°C to +125°C |
| **Terminal Type** | Quick Connect / Plug-in (PCB versions available) |
---
### 2. Internal Electronic Components
A relay of this type consists of four primary internal sections:
#### A. The Electromagnetic Coil
* **Function:** Converts electrical energy into magnetic force.
* **Design:** Fine copper wire wound around an iron core. When 12V is applied, it creates a magnetic field that pulls the armature.
* **Resistance:** Usually ranges between 60Ω to 90Ω for 12V systems.
#### B. The Armature and Spring
* **Function:** The moving mechanism.
* **Part:** A metal plate that pivots when the coil is energized. The return spring ensures the contacts return to their "Rest" (Normally Closed) position once power is removed.
#### C. Contact Points
* **Composition:** Often made of **Silver Tin Oxide (AgSnO2)**. This material is chosen for its high resistance to "welding" (sticking) and its ability to handle the inrush current of motors and lamps.
* **Configurations:**
* **30 (Common):** Power input.
* **87 (Normally Open):** Connects to load when triggered.
* **87a (Normally Closed):** Connected to load when idle.
#### D. Suppression (The "R/Q" Suffix)
The suffix in the part number often refers to the **Transient Voltage Suppression** method used to protect the vehicle's ECU from back-EMF (voltage spikes):
* **R:** Often denotes an internal **Resistor** across the coil.
* **Q/D:** Often denotes an internal **Diode** (Quenching diode) for stricter voltage clamping.
---
### 3. Typical Pin Configuration (ISO Standard)
Most relays in this category follow the standard 5-pin layout:
```text
Pin 85: Coil Ground (-)
Pin 86: Coil Trigger (+12V)
Pin 30: Common (High Current Input)
Pin 87: Output (Normally Open)
Pin 87a: Output (Normally Closed - if 5-pin)
```
---
### 4. Applications
* **Fuel Pump Control:** High reliability for continuous operation.
* **Headlight Switching:** Handling high thermal loads.
* **Cooling Fans:** Managing inductive surges when the fan starts/stops.
* **ABS Systems:** Safety-critical switching.
- ⤷
What is the difference between a resistor-suppressed and a diode-suppressed relay?
- ⤷ How do I test if the AAC-AC124-R/Q coil is still functional using a multimeter?
- ⤷ Can this relay be used for 24V applications
- ⤷ or is it strictly 12V?