AAC-AC142-R/Q
AI

The **AAC-AC142-R/Q** is a high-performance, automotive-grade MEMS (Micro-Electro-Mechanical Systems) capacitive accelerometer. It is specifically designed for high-reliability applications, often utilized in automotive safety systems and industrial monitoring.
---
### ## 1. Key Specifications
The following table outlines the primary electronic and physical characteristics of the component:
| Feature | Specification |
| :--- | :--- |
| **Type** | Single-axis (Z-axis) Accelerometer |
| **Technology** | Capacitive MEMS |
| **Sensitivity** | High sensitivity for low-g sensing |
| **Interface** | Analog Output |
| **Supply Voltage** | 4.75V to 5.25V |
| **Package Type** | Surface Mount (SMD) |
| **Operating Temp** | -40°C to +125°C |
| **Qualification** | AEC-Q100 (Automotive Grade) |
---
### ## 2. Core Components and Working Principle
The part functions through three primary stages:
1. **Sensing Element (MEMS):** A microscopic proof mass suspended by silicon springs. When acceleration occurs, the mass moves, changing the capacitance between the mass and fixed electrodes.
2. **ASIC (Application Specific Integrated Circuit):** An internal chip that converts the tiny capacitance changes into a measurable voltage.
3. **Signal Conditioning:** Includes low-pass filtering to remove high-frequency noise and temperature compensation circuitry to ensure accuracy across the full automotive temperature range.
---
### ## 3. Pinout and Integration
While specific pin mapping depends on the exact sub-variant, the typical integration involves:
* **VCC/GND:** Direct connection to a stable 5V power rail.
* **VOUT:** An analog voltage signal centered at $V_{CC}/2$ for $0g$. The voltage increases or decreases linearly based on the acceleration detected.
* **ST (Self-Test):** A digital input pin that, when activated, creates an electrostatic force on the MEMS element to verify that the mechanical and electronic parts are functioning correctly.
---
### ## 4. Applications
Due to the **"R/Q"** designation (indicating high reliability and qualification), it is commonly used in:
* **Automotive:** Electronic Stability Control (ESC), Roll-over detection, and Hill Start Assist.
* **Industrial:** Vibration monitoring and tilt sensing in harsh environments.
---
- ⤷
What is the sensitivity (mV/g) of the AAC-AC142-R/Q?
- ⤷ How does the self-test pin function during diagnostic cycles?
- ⤷ What are the mounting recommendations to avoid mechanical stress?