AI

The **AAC-AD112-R** is a high-performance, ultra-miniature **Surface Mount Device (SMD) Piezoelectric Transducer** (Buzzer) manufactured by AAC Technologies. It is widely used in compact consumer electronics for audible feedback.
---
## 1. Technical Specifications
The following table summarizes the key electrical and physical characteristics:
| Parameter | Specification |
| :--- | :--- |
| **Type** | Piezoelectric Transducer (External Drive) |
| **Rated Voltage** | 3.0 Vp-p (Square Wave) |
| **Operating Voltage** | 1.0 ~ 25.0 Vp-p |
| **Current Consumption** | Max 3mA at Rated Voltage |
| **Sound Pressure Level (SPL)** | Min 75dB at 10cm / 3.0 Vp-p / 4.0kHz |
| **Resonant Frequency** | 4,000 Hz (±500 Hz) |
| **Capacitance** | 12,000 pF ± 30% at 120Hz |
| **Operating Temperature** | -20°C to +70°C |
| **Dimensions** | 12.0 x 12.0 x 3.0 mm |
---
## 2. Key Electronic Components & Working Principle
The AAC-AD112-R operates differently than a standard electromagnetic speaker. Its internal structure consists of:
### A. Piezoelectric Ceramic Element
The core component is a thin disc of piezoelectric ceramic bonded to a metal diaphragm (usually brass or stainless steel).
* **Piezo Effect:** When an alternating voltage is applied, the ceramic expands and contracts, causing the metal diaphragm to bend and vibrate.
* **Frequency Dependence:** This part is an **External Drive** type, meaning it does not have internal oscillation circuitry. You must provide a square wave at its resonant frequency (4kHz) to produce sound.
### B. Drive Circuitry (External Requirement)
Because it behaves like a capacitor, it requires a specific driver circuit. A common way to drive it is using a transistor or a dedicated piezo driver IC.
```cpp
// Example: Basic Arduino pseudo-code to drive the AAC-AD112-R
int buzzerPin = 9;
void setup() {
pinMode(buzzerPin, OUTPUT);
}
void loop() {
tone(buzzerPin, 4000); // Send a 4kHz square wave
delay(500);
noTone(buzzerPin);
delay(500);
}
```
---
## 3. Physical Features & Mounting
* **SMD Package:** The "R" in the part number typically refers to Tape & Reel packaging for automated SMT (Surface Mount Technology) assembly.
* **Sound Port:** It features a top-opening or side-opening hole for sound emission.
* **Polarity:** While piezo elements are generally non-polar, the footprint often specifies a positive terminal for consistent phase performance in multi-speaker arrays.
---
## 4. Common Applications
* **Mobile Devices:** Haptic/audio feedback in smartphones or tablets.
* **Household Appliances:** Beepers for microwave ovens, washing machines, and timers.
* **Medical Equipment:** Alarm signals for portable monitors.
* **Industrial:** Status indicators on handheld scanners.
- ⤷What is the difference between an 'External Drive' and an 'Internal Drive' piezo buzzer?
- ⤷ What are the recommended reflow soldering profiles for the AAC-AD112-R?
- ⤷ Can this component be driven using a PWM signal from a microcontroller?