Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • AAC-AD124-R

  • AI
    The **AAC-AD124-R** is a specific model of an **AC/DC Power Adapter**, typically associated with electronic devices such as network routers, modems, or small industrial equipment. It serves as an external power supply that converts high-voltage alternating current (AC) from a wall outlet into low-voltage direct current (DC). --- ## Technical Specifications Based on standard industry naming conventions for this part number, here are the likely technical parameters: | Parameter | Specification | | :--- | :--- | | **Input Voltage** | 100V – 240V AC (Universal) | | **Input Frequency** | 50/60 Hz | | **Output Voltage** | 12V DC | | **Output Current** | 4A (48 Watts total) | | **Polarity** | Center Positive (+) | | **Connector Type** | Barrel Plug (typically 5.5mm x 2.1mm or 2.5mm) | | **Efficiency Class** | VI (High Efficiency) | --- ## Key Electronic Components & Design The internal circuitry of the AAC-AD124-R utilizes **Switched-Mode Power Supply (SMPS)** technology. This makes the unit lightweight and efficient compared to older transformer-based designs. ### 1. Input Stage (EMI/RFI Filtering) * **Varistors (MOV):** Protect the device against high-voltage surges from the mains. * **Bridge Rectifier:** Converts the incoming AC sine wave into a pulsating DC signal. * **Bulk Capacitor:** Smooths the high-voltage DC (usually rated at 400V or 450V). ### 2. Switching & Regulation * **PWM Controller IC:** The "brain" that regulates the output voltage by rapidly turning the power on and off (Pulse Width Modulation). * **Switching MOSFET:** A high-speed transistor that chops the DC voltage into high-frequency pulses. * **Ferrite Transformer:** Transfers energy from the primary to the secondary side while providing galvanic isolation (safety). ### 3. Output Stage * **Schottky Diodes:** Rectify the high-frequency pulses back into low-voltage DC. * **Filter Capacitors (Low ESR):** Ensure the 12V output has low ripple and noise. * **Optocoupler:** Provides feedback from the output back to the PWM controller to maintain a steady 12V even if the load changes. --- ## Safety Features The "R" suffix often denotes **RoHS compliance** (Restriction of Hazardous Substances). The unit generally includes: * **Over-Voltage Protection (OVP):** Shuts down if the output exceeds 12V. * **Short-Circuit Protection (SCP):** Prevents fire or damage if the output wires touch. * **Over-Current Protection (OCP):** Limits current to 4A to prevent overheating. ---
    ✨ Follow-up Questions
    • ⤷ What is the exact barrel connector size for the AAC-AD124-R?
    • ⤷ Is this power supply compatible with devices requiring less than 4A?
    • ⤷ What are the common failure points in SMPS adapters like this one?