AB-RTC-TNA
AI

The **AB-RTC-TNA** is a specialized Real-Time Clock (RTC) module produced by Abracon. It is categorized as a temperature-compensated, ultra-low power timing solution designed for high-accuracy applications.
### 1. Key Technical Specifications
The following table outlines the primary electronic characteristics of the AB-RTC-TNA series:
| Parameter | Specification |
| :--- | :--- |
| **Interface** | I2C (Inter-Integrated Circuit) |
| **Operating Voltage** | 1.1V to 5.5V |
| **Current Consumption** | ~55nA to 130nA (Ultra-low power) |
| **Accuracy** | ±5.0 ppm (at 25°C) |
| **Package Type** | SMT (Surface Mount Technology) / Compact QFN |
| **Memory** | Integrated RAM for user data storage |
---
### 2. Core Electronic Components & Features
#### A. Integrated Crystal (XTAL)
Unlike standard RTC chips that require an external 32.768 kHz tuning fork crystal, the AB-RTC-TNA often features an **integrated crystal**. This reduces the PCB footprint and eliminates frequency shifts caused by external parasitic capacitance.
#### B. Power Management Circuitry
The module includes a sophisticated power-switching circuit.
* **Backup Battery Input:** It can automatically switch from the main system power (VCC) to a backup source (battery or supercapacitor) when the main power fails.
* **Trickle Charger:** It often includes an internal programmable resistor to charge a backup supercapacitor.
#### C. Temperature Compensation
This part belongs to the "T" (Temperature) variant line. It uses an internal temperature sensor to adjust the oscillation frequency. This compensates for the natural "drift" of quartz crystals at high or low temperatures, ensuring the clock remains accurate across a wide thermal range (-40°C to +85°C).
#### D. Digital Functionality
* **Counters:** Tracks Seconds, Minutes, Hours, Day, Date, Month, and Year (with leap year compensation).
* **Alarms:** Programmable alarm interrupts to wake up a host Microcontroller (MCU) from sleep mode.
* **Watchdog Timer:** Monitors system software health and can trigger a reset if the system freezes.
---
### 3. Common Applications
Due to its low power profile and high precision, the AB-RTC-TNA is typically found in:
1. **Smart Utility Meters:** Electricity and water meters requiring long-term accuracy without maintenance.
2. **IoT Devices:** Battery-powered sensors that spend most of their time in "Deep Sleep."
3. **Medical Portables:** Devices that must maintain a precise timestamp for patient data logging.
4. **Industrial Controllers:** Systems requiring reliable timekeeping in harsh temperature environments.
- ⤷
What is the pinout configuration for the AB-RTC-TNA package?
- ⤷ How does the I2C address for this RTC compare to other common models like the DS3231?
- ⤷ What is the maximum frequency the I2C interface supports for this part?