ABC-1-1/2-R
AI

The **ABC-1-1/2-R** is a specific model of high-performance electronic fuse manufactured by **Eaton (Bussmann Series)**. It is widely used in industrial and commercial applications due to its ceramic construction and high interrupting capacity.
---
### 1. Technical Specifications
The part number itself acts as a code for its primary specifications:
| Parameter | Specification |
| :--- | :--- |
| **Series** | ABC (Fast-acting ceramic tube fuse) |
| **Current Rating** | 1.5 Amperes (1-1/2 A) |
| **Voltage Rating (AC)** | 250 VAC |
| **Voltage Rating (DC)** | 125 VDC |
| **Response Characteristic** | Fast-Acting (F) |
| **Body Material** | Ceramic Tube |
| **End Cap Material** | Nickel-plated Brass |
| **RoHS Compliant** | Yes (Indicated by the "-R" suffix) |
---
### 2. Key Physical Features
* **Ceramic Construction:** Unlike glass fuses, the ceramic body allows for a higher pressure rating. This prevents the fuse from shattering during a high-energy short circuit.
* **Dimensions:** It follows the standard small-dimension format:
* **Diameter:** 1/4 inch (approx. 6.35 mm)
* **Length:** 1-1/4 inch (approx. 31.75 mm)
* **Arc Quenching:** The interior is often filled with a granular material (like silica sand) to help extinguish the electrical arc when the fuse blows.
---
### 3. Functional Behavior
The **ABC series** is designed to react quickly to overcurrent conditions.
* **Interrupting Rating:** This fuse has a very high interrupting rating (often up to 1,500A at 250VAC). This means it can safely break a very high current fault without physically exploding.
* **Fast-Acting:** It is designed to open within milliseconds when the current significantly exceeds 1.5A. This protects sensitive electronic components that cannot withstand prolonged overcurrent.
---
### 4. Common Applications
Due to its reliability and high "breaking capacity," the ABC-1-1/2-R is found in:
1. **Industrial Control Panels:** Protecting PLC inputs and small motors.
2. **Power Supplies:** Serving as the primary input protection.
3. **Test Equipment:** Protecting internal circuitry from user error or surges.
4. **HVAC Systems:** Used in control boards for furnaces and air conditioners.
- ⤷
What is the difference between an ABC ceramic fuse and a GDB glass fuse?
- ⤷ Can I replace a slow-blow fuse with this fast-acting ABC fuse?
- ⤷ What does the Interrupting Rating (AIC) specifically mean for safety?