ABFW410-R
AI

The **ABFW410-R** is a specific industrial control component manufactured by **IDEC**. It belongs to the **TW series** of 22mm industrial pushbuttons.
Below is a detailed breakdown of its electronic and mechanical specifications.
---
### 1. Technical Specifications
The ABFW410-R is a mushroom-head momentary pushbutton. Here are its core electronic characteristics:
| Property | Specification |
| :--- | :--- |
| **Manufacturer** | IDEC |
| **Series** | TW Series (Heavy Duty) |
| **Part Number** | ABFW410-R |
| **Actuator Style** | 40mm Mushroom Head |
| **Action Type** | Momentary (Spring Return) |
| **Contact Configuration** | 1NO (Normally Open) |
| **Color** | Red (R) |
| **Mounting Hole Size** | 22mm |
| **Terminal Type** | M3.5 Screw Terminals |
---
### 2. Contact Ratings (Electrical)
This device is designed for industrial control circuits (Pilot Duty). Its electrical capacity depends on the voltage and current type (AC/DC).
| Voltage | Resistive Load (AC) | Inductive Load (AC) |
| :--- | :--- | :--- |
| **24V** | 10A | 10A |
| **120V** | 10A | 6A |
| **240V** | 6A | 3A |
*Note: It is rated for **UL/CSA Type 4X** (watertight/corrosion resistant) and **IP65** protection when installed in a suitable enclosure.*
---
### 3. Component Breakdown
The ABFW410-R consists of three main electronic/mechanical modules:
1. **The Operator (Actuator):** The red mushroom cap. "Momentary" means it only stays closed while your finger is pressing it; it springs back immediately upon release.
2. **The Locking Lever:** A chrome-plated zinc locking ring that secures the unit to the 22mm panel hole.
3. **The Contact Block (HW-CB10):** The electronic heart of the switch. In this model, it comes with one **Normally Open (NO)** block. When the button is pressed, the internal bridge closes the circuit between the two screw terminals.
---
### 4. Wiring Diagram Representation
In a schematic, the ABFW410-R is represented as follows:
```text
Terminal 1 (L1) Terminal 2 (Load)
| |
o----------- \ -----------o
(Switch)
[Normally Open Circle]
```
---
- ⤷
What is the difference between the ABFW410-R and a 'Maintained' version?
- ⤷ Can additional contact blocks be added to this specific model?
- ⤷ What are the environmental protection ratings for IDEC TW series buttons?