ABM2-R6RA2-M2
AI

The **ABM2-R6RA2-M2** is a modular electronic component commonly used in industrial automation, specifically within the realm of fieldbus communication and decentralized I/O systems. It is most frequently associated with **Bihl+Wiedemann** AS-Interface (AS-i) modules.
---
### 1. General Specifications
This part functions as an AS-i motor module designed to control motorized rollers (MDR) or similar actuators.
| Feature | Description |
| :--- | :--- |
| **Interface** | AS-Interface (AS-i) 3.0 |
| **Housing Type** | Sub-structure module / Circuit board module |
| **Inputs** | Typically 2 Digital Inputs (for sensors/feedback) |
| **Outputs** | Typically 2 Digital Outputs (for motor control) |
| **Protection Rating** | IP20 (intended for installation in terminal boxes or cable ducts) |
---
### 2. Breakdown of the Part Number Components
While manufacturers use specific internal codes, the nomenclature for this series generally follows this logic:
* **ABM:** AS-i Board Module (OEM/Internal PCB style).
* **2:** Often refers to the AS-i version or the number of connected motors.
* **R6:** Reference to the specific power/current rating or connector type (M12 vs. Terminals).
* **M2:** Indicates the capability to control **2 Motors** (e.g., Interroll or Itoh Denki rollers).
---
### 3. Key Electronic Functions
#### A. Motor Control
The module provides the logic and power switching to manage the start/stop, direction, and speed (via frequency or preset signals) of motorized rollers. It is optimized for "Plug-and-Play" integration with conveyor systems.
#### B. AS-Interface Communication
It acts as a "Slave" on the AS-i network. It receives commands from the AS-i Master and sends back the status of connected sensors (e.g., photoeyes detecting a package) and the health status of the motors.
#### C. Power Management
* **AS-i Power:** Used for communication and low-power logic.
* **AUX Power (24V DC):** Usually required to provide the high current necessary for the motors. The module handles the isolation between these two power circuits.
---
### 4. Technical Summary
| Parameter | Typical Value |
| :--- | :--- |
| Operating Voltage | 18V - 31.6V (AS-i) |
| Auxiliary Voltage | 24V DC (±15%) |
| Connection | Spring-type terminals or Pin headers |
| Operating Temp | -25°C to +70°C |
---
- ⤷
What is the specific wiring diagram for the motor outputs on this module?
- ⤷ Can this module be used with Interroll EC310 or EC5000 rollers?
- ⤷ How do I address this module on an AS-i network?