ABQW410-R
AI

### ABQW410-R: Technical Overview
The **ABQW410-R** is a specific industrial control component manufactured by **IDEC** (specifically within the TWTD series). It is a non-illuminated, momentary pushbutton switch designed for heavy-duty industrial applications.
---
### 1. Technical Specifications
| Feature | Specification |
| :--- | :--- |
| **Manufacturer** | IDEC |
| **Series** | TWTD Series |
| **Operator Type** | 40mm Mushroom Head |
| **Operation** | Momentary (Spring Return) |
| **Contact Configuration** | 1 NO (Normally Open) |
| **Button Color** | Red (R) |
| **Mounting Hole Size** | 30mm |
| **Terminal Type** | Screw Terminals (M3.5) |
---
### 2. Electronic & Mechanical Breakdown
#### A. Contact Block (1 NO)
The "10" in the part number indicates the contact arrangement.
- **Normally Open (NO):** The circuit is open in the resting state. When the button is pressed, the internal bridge closes the circuit, allowing current to flow.
- **Rating:** These contacts are typically rated for heavy pilot duty (e.g., **A600** rating), meaning they can handle high inrush currents for AC motor starters and relays.
#### B. Operator Mechanism
- **Momentary Action:** The switch only stays "ON" while the operator's finger is physically depressing the button. Once released, an internal spring returns the mushroom head to the "OFF" position.
- **Mushroom Head:** The 40mm "R" (Red) head provides a large surface area, making it easy to hit in environments where operators might be wearing gloves.
#### C. Durability and Environment
- **IP Rating:** Usually rated **IP65** (dust-tight and protected against water jets).
- **Construction:** Uses a chrome-plated zinc locking ring for high mechanical strength and corrosion resistance.
---
### 3. Applications
The ABQW410-R is commonly used in industrial control panels for:
* **Start/Signal Functions:** Initiating a process where a red indicator is preferred.
* **Non-Safety Stop:** While red is often for "Emergency Stops," this specific model is **momentary** and **non-locking**, meaning it is used for functional stops or resets rather than emergency power-cutting (which requires a "Push-Lock, Turn-Reset" mechanism).
* **Machine Interface:** Interfacing with PLCs (Programmable Logic Controllers) or magnetic contactors.
---
- ⤷
What is the difference between the ABQW410-R and an Emergency Stop switch?
- ⤷ Can the contact blocks on this IDEC switch be expanded or replaced?
- ⤷ What are the voltage and current ratings for the A600 contact standard?