AI

## Technical Overview: AC10-R82M-RC Inductor
The **AC10-R82M-RC** is a high-current, surface-mount (SMD) power inductor commonly used in automotive and industrial power management applications. It is part of the **AC10 Series** produced by manufacturers like Allied Components.
### 1. Key Technical Specifications
| Parameter | Value |
| :--- | :--- |
| **Inductance** | 0.82 µH |
| **Tolerance** | ±20% (indicated by 'M') |
| **DCR (Direct Current Resistance)** | ~1.5 mΩ (Max) |
| **Isat (Saturation Current)** | ~30A - 40A (Typical) |
| **Irms (Heating Current)** | ~25A - 30A (Typical) |
| **Operating Temperature** | -55°C to +125°C |
| **Package / Case** | Molded Shielded (e.g., 10x10mm footprint) |
---
### 2. Part Number Breakdown
The nomenclature provides specific details about the component's construction and performance:
* **AC10**: Series identifier (usually refers to the physical dimensions, approximately 10mm x 10mm).
* **R82**: The Inductance value. "R" acts as a decimal point, resulting in **0.82 microhenries (µH)**.
* **M**: Tolerance code representing **±20%**.
* **RC**: Denotes **RoHS Compliant**, meaning it is free from hazardous substances like lead.
---
### 3. Construction and Features
The AC10 series is designed for "High-Current" environments where efficiency is critical.
* **Magnetic Shielding:** The part is molded with a magnetic metal powder core. This reduces electromagnetic interference (EMI) and prevents the magnetic field from affecting neighboring components.
* **Low DCR:** Because it uses thick internal copper wiring, it has very low DC resistance, which minimizes power loss (heat) during operation.
* **Soft Saturation:** Unlike ferrite cores that lose inductance sharply, these molded powder cores exhibit "soft saturation," meaning they maintain better performance even when the current exceeds the rated limits.
---
### 4. Common Applications
This specific inductor is ideal for high-frequency DC-DC converters:
1. **Automotive Systems:** ECU power supplies, LED lighting drivers, and ADAS modules.
2. **Voltage Regulator Modules (VRMs):** Found on high-end PC motherboards and servers.
3. **Industrial Power Supplies:** Used in Point-of-Load (PoL) converters to step down voltages for microprocessors.
---
- ⤷What is the physical footprint size of the AC10 series in millimeters?
- ⤷ How does 'soft saturation' in this inductor differ from standard ferrite inductors?
- ⤷ What are the recommended soldering profiles for this RoHS compliant part?