AC1060R-R24_
AI

The **AC1060R-R24** is typically identified as a specialized **AC-DC Industrial Power Supply** or a power distribution module designed for 24V DC output. These components are frequently found in industrial automation, LED driver systems, or telecommunications hardware.
### 1. Technical Specifications
Below is a summary of the typical electrical characteristics for this part:
| Parameter | Specifications |
| :--- | :--- |
| **Input Voltage Range** | 85V AC – 264V AC (Universal Input) |
| **Output Voltage** | 24V DC |
| **Current Rating** | ~2.5A to 4.5A (Depending on thermal cooling) |
| **Wattage** | 60 Watts to 100 Watts range |
| **Efficiency** | >85% |
| **Form Factor** | Open frame or Enclosed DIN-rail mount |
---
### 2. Key Electronic Internal Parts
A module of this type consists of several critical sub-sections:
#### A. Input Protection Section
* **Fuse:** Protects the circuit from overcurrent.
* **MOV (Metal Oxide Varistor):** Protects against high-voltage surges/spikes from the AC line.
* **NTC Resistor:** Limits "inrush current" when the device is first powered on.
#### B. Rectification & Filtering
* **Bridge Rectifier:** Converts AC voltage into pulsating DC.
* **Bulk Capacitor:** Large electrolytic capacitor used to smooth the pulsating DC into a stable high-voltage DC bus (approx. 310V-400V).
#### C. Switching Section (SMPS)
* **PWM Controller IC:** The "brain" that regulates the switching frequency to maintain a constant output.
* **Power MOSFET:** Switches the high-voltage DC on and off at high frequencies (usually 50kHz - 100kHz) into the transformer.
#### D. Isolation & Output
* **High-Frequency Transformer:** Provides galvanic isolation between AC mains and the 24V output.
* **Schottky Diodes:** Rectify the high-frequency AC from the transformer back into DC.
* **LC Filter:** Inductors and capacitors used to remove high-frequency ripple/noise from the 24V rail.
---
### 3. Safety and Protection Features
* **Overload Protection:** Shuts down the unit if the current draw exceeds the 24V rating.
* **Short Circuit Protection (SCP):** Prevents fire or component failure if the output leads are crossed.
* **Optocoupler Feedback:** Uses light to send voltage regulation signals back to the high-voltage side while maintaining electrical isolation.
- ⤷
What is the maximum operating temperature for the AC1060R-R24?
- ⤷ Can this module be connected in parallel for higher current?
- ⤷ Does this part require external heat sinking for full 24V output?