AC1060R-R49_
AI

The **AC1060R-R49** typically refers to a high-frequency power inductor, often used in DC-DC converters, power supplies, and automotive electronics. Below is a breakdown of its electronic characteristics and specifications.
---
### ## Component Overview
The AC1060R series is a surface-mount (SMD) shielded power inductor. The "R49" suffix specifically denotes the inductance value.
### ### Technical Specifications
| Parameter | Typical Value |
| :--- | :--- |
| **Inductance** | 0.49 µH (Microhenries) |
| **Tolerance** | ±20% |
| **Mounting Type** | Surface Mount (SMD/SMT) |
| **Shielding** | Magnetic Shielded (Low EMI) |
| **Core Material** | Ferrite or Composite Powder |
### ### Key Features
1. **High Current Capability:** Designed to handle high saturation currents without a significant drop in inductance.
2. **Low DCR (DC Resistance):** Minimizes power loss and heat generation, increasing overall circuit efficiency.
3. **Magnetic Shielding:** The construction reduces electromagnetic interference (EMI), making it suitable for high-density PCB layouts near sensitive components.
4. **Compact Footprint:** The "1060" designation usually refers to the dimensions (approximately 10mm x 10mm base with a 6mm height).
---
### ## Applications
These parts are commonly integrated into the following systems:
* **Voltage Regulator Modules (VRMs):** Found on motherboards and server cards.
* **DC-DC Converters:** Buck or Boost converters for battery-powered devices.
* **Automotive Electronics:** Infotainment systems or ECU power management.
* **Industrial Power Supplies:** High-efficiency LED drivers or motor controllers.
---
### ## Equivalent/Alternative Parts
If you are sourcing this part, ensure the footprint and saturation current ($I_{sat}$) match. Common manufacturers with similar series include:
* **Coilcraft:** MSS1048 or XAL series.
* **Wurth Elektronik:** WE-HCI or WE-PD series.
* **Bourns:** SRP series.
- ⤷What is the maximum saturation current for the R49 variant?
- ⤷ What are the exact physical dimensions of the 1060 package?
- ⤷ Can this inductor be used in high-temperature automotive environments?