AC20-R039M-RC
AI

The part number **AC20-R039M-RC** refers to a high-precision, low-resistance **current sense resistor** (shunt resistor). These components are designed to measure current by monitoring the voltage drop across a known resistance.
---
## 1. Technical Specifications
The following table breaks down the typical electrical and physical characteristics of this component series:
| Feature | Specification |
| :--- | :--- |
| **Component Type** | Current Sense Resistor (Metal Strip/Alloy) |
| **Resistance Value** | 0.039 $\Omega$ (39 m$\Omega$) |
| **Tolerance** | ±20% (indicated by 'M') |
| **Power Rating** | Typically 0.5W to 1W (Package dependent) |
| **Material** | Metal Alloy / Ceramic substrate |
| **Termination Style** | SMD (Surface Mount Device) |
| **RoHS Status** | Compliant (indicated by 'RC') |
---
## 2. Part Number Breakdown
The alphanumeric code provides specific details regarding its construction and value:
* **AC20**: Often refers to the series name or the physical size/package (e.g., related to 2010 or 0805 metric sizing depending on the specific manufacturer's catalog).
* **R039**: Represents the resistance value. The 'R' acts as a decimal point. `R039` = $0.039 \Omega$.
* **M**: The tolerance code. In resistor nomenclature, **M** stands for **±20%**.
* **RC**: Indicates **RoHS Compliant**, meaning the part is lead-free and meets environmental safety standards.
---
## 3. Common Applications
Because this is a low-resistance shunt resistor, it is primarily used in power management circuits:
1. **Battery Management Systems (BMS):** Monitoring charge and discharge cycles in lithium batteries.
2. **DC-DC Converters:** Providing feedback for current-mode control loops.
3. **Motor Control:** Detecting over-current conditions to protect the motor and driver.
4. **Power Supplies:** Measuring the output load to ensure stable operation.
---
## 4. Key Considerations for Design
When using the AC20-R039M-RC in a circuit, keep the following in mind:
* **Power Dissipation ($P = I^2 \times R$):** Ensure the current flowing through the resistor does not exceed its wattage rating.
* **Kelvin Connection:** For high accuracy, use a 4-terminal (Kelvin) layout on the PCB to eliminate lead resistance from the measurement.
* **Temperature Coefficient (TCR):** As a metal alloy resistor, it generally has good stability, but resistance may drift slightly as the component heats up.
- ⤷
What is the power rating (wattage) for the AC20 series?
- ⤷ Can I replace a +/- 20% tolerance resistor with a +/- 1% tolerance part?
- ⤷ How do I calculate the voltage drop across this resistor at 2 Amps?