AC20-R27K-RC
AI

The **AC20-R27K-RC** is an electronic component belonging to the **fixed inductor** category, specifically a subminiature axial leaded inductor manufactured by Allied Components International.
### 1. Technical Specifications
| Parameter | Value |
| :--- | :--- |
| **Inductance** | 0.27 µH |
| **Tolerance** | ±10% (K) |
| **Current Rating (Max)** | 1,120 mA (1.12 A) |
| **DC Resistance (Max)** | 0.080 Ohms |
| **Self-Resonant Frequency (Min)** | 525 MHz |
| **Quality Factor (Q Min)** | 35 |
| **Body Diameter** | 2.4 mm |
| **Body Length** | 4.4 mm |
---
### 2. Part Number Breakdown
The nomenclature follows a specific pattern used by the manufacturer:
* **AC20:** Series identifier for subminiature axial leaded inductors (molded or coated).
* **R27:** Indicates the inductance value. "R" acts as the decimal point (0.27).
* **K:** Tolerance code (K = ±10%).
* **RC:** RoHS Compliant.
---
### 3. Key Characteristics and Design
* **Form Factor:** It features an axial leaded design, meaning the wires protrude from both ends along the central axis of the body. This is ideal for Through-Hole Technology (THT) PCB assembly.
* **Materials:** Typically constructed using a phenolic or ferrite core with a copper wire winding, protected by an epoxy resin or molded coating for environmental durability.
* **High Frequency:** With a high self-resonant frequency (525 MHz), this part is effective in high-frequency signal applications.
---
### 4. Common Applications
Due to its small size and high current rating relative to its footprint, the AC20-R27K-RC is commonly used for:
1. **RF Choking:** To block high-frequency noise in radio frequency circuits.
2. **Decoupling:** Filtering power supply lines to prevent interference between circuit stages.
3. **Signal Conditioning:** Used in filters and oscillators where precise inductance is required.
4. **Consumer Electronics:** Found in telecommunications equipment, computer peripherals, and power supplies.
- ⤷What are the equivalent alternative part numbers for the AC20-R27K-RC?
- ⤷ How does the 'Q factor' affect the performance of this inductor in RF circuits?
- ⤷ What is the recommended soldering temperature for axial leaded inductors like this one?