AC30-R10K-RC
AI

The **AC30-R10K-RC** is a high-precision, panel-mount **Rotary Potentiometer** (often referred to as a variable resistor or dial). It is commonly used in industrial control systems for fine-tuning voltage or resistance levels.
Below is a detailed breakdown of its electronic specifications and characteristics.
### 1. General Specifications
| Feature | Specification |
| :--- | :--- |
| **Model Number** | AC30-R10K-RC |
| **Resistance Value** | 10k $\Omega$ (10,000 Ohms) |
| **Power Rating** | Typically 2 Watts |
| **Tolerance** | ±5% to ±10% |
| **Rotation Type** | Multiturn (often 10-turn) |
| **Technology** | Wirewound |
---
### 2. Key Electronic Components & Materials
* **Resistive Element:** Utilizes a **wirewound** construction. This means a resistive wire is wrapped around a core. This provides high power handling and better thermal stability compared to carbon film potentiometers.
* **Wiper:** A metal contact that slides along the resistive element. In the "RC" (RoHS Compliant) version, these materials are lead-free.
* **Housing:** Usually constructed from a combination of thermoset plastic and metal (aluminum/brass) to ensure electromagnetic shielding and durability.
---
### 3. Pinout and Connection
Most 10k potentiometers in this series follow a standard 3-terminal configuration:
| Terminal | Function | Description |
| :--- | :--- | :--- |
| **1** | End 1 | Connected to one end of the resistive track. |
| **2** | Wiper | The adjustable output; moves as the knob is turned. |
| **3** | End 2 | Connected to the opposite end of the resistive track. |
---
### 4. Technical Characteristics
* **Lineary:** High linearity (often $\pm$0.25%), meaning the change in resistance is strictly proportional to the physical rotation of the dial.
* **Insulation Resistance:** Usually rated at 1000M$\Omega$ at 500VDC, ensuring safety and preventing leakage current.
* **Rotational Life:** Designed for 1,000,000 shaft revolutions, making it suitable for heavy industrial use.
---
### 5. Application Use Cases
1. **Motor Speed Control:** Used as a reference input for Variable Frequency Drives (VFDs).
2. **Calibration:** Fine-tuning sensitive measurement equipment where a single-turn pot is too imprecise.
3. **Power Supplies:** Adjusting the output voltage or current limits on lab bench power supplies.
---
- ⤷
What is the difference between wirewound and carbon film potentiometers?
- ⤷ How do I wire this potentiometer to a 0-10V analog input?
- ⤷ What does the 'RC' suffix specifically signify in electronic parts?