Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • AC30-R12K-RC

  • AI
    The **AC30-R12K-RC** is a high-performance **Thin Film Surface Mount Chip Resistor** manufactured by components leaders like Susumu. It belongs to the automotive-grade, high-precision category of resistors designed for reliability in harsh environments. --- ### 1. Technical Specifications Below are the primary electronic characteristics of the AC30-R12K-RC: | Parameter | Specification | | :--- | :--- | | **Resistance Value** | 12 kΩ (12,000 Ohms) | | **Tolerance** | ±0.1% (High Precision) | | **Power Rating** | 0.063W (1/16 W) | | **Temperature Coefficient (TCR)** | ±25 ppm/°C | | **Package / Case** | 0603 (1608 Metric) | | **Operating Temperature** | -55°C to +155°C | | **Voltage Rating** | 75V | --- ### 2. Key Electronic Features #### Thin Film Technology Unlike standard "Thick Film" resistors, this part uses **Thin Film technology**. This results in: * **Low Noise:** Ideal for audio and sensitive measurement circuits. * **Stability:** Maintains resistance value over long periods and varying temperatures. * **Tight Tolerance:** The 0.1% precision ensures circuit accuracy without manual calibration. #### Automotive Compliance (AEC-Q200) The "AC" prefix usually denotes compliance with **AEC-Q200** standards. This means the part is tested for: * High resistance to sulfur (Anti-sulfur properties). * High reliability under mechanical stress and thermal cycling. * Moisture resistance. #### "RC" Suffix In electronic part numbering, the **RC** typically indicates: * **RoHS Compliance:** The part is lead-free and environmentally friendly. * **Packaging:** Often refers to Tape & Reel packaging for automated SMT (Surface Mount Technology) assembly. --- ### 3. Common Applications Due to its precision and 12kΩ value, this part is commonly found in: 1. **Voltage Dividers:** Where precise ratios are required for sensor feedback. 2. **Operational Amplifier Circuits:** Used in feedback loops to set gain accurately. 3. **Automotive ECU:** Control units for engine or battery management systems. 4. **Medical Equipment:** Devices requiring high stability and low electronic noise. --- ### 4. Circuit Symbol and Footprint To use this in a PCB design (like Altium, KiCad, or Eagle), use the following standard parameters: ```text Footprint: Resistor_SMD:R_0603_1608Metric Value: 12k Tolerance: 0.1% TCR: 25ppm ```
    ✨ Follow-up Questions
    • ⤷ What is the difference between Thin Film and Thick Film resistors in terms of performance?
    • ⤷ How does the AEC-Q200 qualification impact the longevity of this component?
    • ⤷ Can I substitute a 12kΩ 1% resistor for this 0.1% part in a prototype?