AC30-R18K-RC
AI

The **AC30-R18K-RC** is an electronic component manufactured by **Allied Components International**. It belongs to the category of **fixed inductors (chokes)**, specifically designed for high-frequency filtering and power supply decoupling.
Below is a detailed technical breakdown of its electronic specifications and characteristics.
### 1. Key Technical Specifications
| Parameter | Value | Details |
| :--- | :--- | :--- |
| **Inductance** | 0.18 µH (Microhenries) | Measured at a specific test frequency (usually 25.2 MHz). |
| **Tolerance** | ±10% | The actual inductance may vary by up to 10% of the nominal value. |
| **Current Rating (Max)** | ~850 mA to 1100 mA | The maximum DC current the inductor can handle without overheating. |
| **DC Resistance (DCR)** | ~0.10 to 0.15 Ohms | The resistance of the wire used in the coil. |
| **Self-Resonant Frequency** | > 400 MHz | The frequency at which the component starts acting as a capacitor. |
| **Mounting Type** | Through-Hole | Axial leaded package. |
---
### 2. Component Composition and Design
The AC30 series is constructed using specific materials to ensure stability in RF (Radio Frequency) environments:
* **Core Material:** Typically uses a **Phenolic or Ferrite core**. Given the low inductance value (0.18 µH), it likely uses a non-magnetic or low-permeability core to maintain high-frequency performance.
* **Encapsulation:** The "RC" suffix indicates **RoHS Compliance**, meaning it is manufactured without lead, mercury, or other hazardous substances. The body is usually coated in a conformal epoxy or phenolic resin for environmental protection.
* **Form Factor:** Axial leads (like a resistor) make it easy to mount on standard PCBs using wave soldering or manual assembly.
---
### 3. Circuit Applications
This part is commonly used in the following electronic scenarios:
1. **RF Filtering:** Used in radio frequency circuits to block unwanted high-frequency noise while allowing DC and low-frequency signals to pass.
2. **Decoupling:** Placed near power supply pins of integrated circuits (ICs) to prevent noise from the power rail from entering the chip.
3. **Signal Conditioning:** Used in oscillators and tuning circuits where precise, low-inductance values are required.
4. **EMI Suppression:** Helps in reducing electromagnetic interference in consumer electronics.
---
### 4. Part Number Breakdown
The part number follows a standard logic for Allied Components:
* **AC30:** Series designation (Axial Lead Inductor, typically 0.15" diameter).
* **R18:** Inductance value code (R acts as a decimal; **0.18 µH**).
* **K:** Tolerance code (**K = ±10%**).
* **RC:** Compliance code (**RoHS Compliant**).
- ⤷
What is the difference between a phenolic core and a ferrite core in these inductors?
- ⤷ How does the DC resistance (DCR) affect the efficiency of this component?
- ⤷ Are there surface-mount (SMD) equivalents for the AC30 series?