AC30-R22K-RC
AI

The **AC30-R22K-RC** is an electronic component manufactured by **Allied Components International**. It belongs to the category of **fixed inductors (chokes)**, specifically designed for high-frequency applications and power management.
---
### 1. Key Technical Specifications
| Parameter | Specification |
| :--- | :--- |
| **Inductance** | 0.22 µH (Microhenries) |
| **Tolerance** | ±10% (Indicated by the "K" in the part number) |
| **Current Rating (Idc)** | 1.34 Amperes (Typical) |
| **DC Resistance (DCR)** | 0.08 Ohms Max |
| **Self-Resonant Frequency (SRF)** | 450 MHz |
| **Package Type** | Axial Leaded (Through-hole) |
| **RoHS Status** | Compliant (Indicated by "RC") |
---
### 2. Part Number Breakdown
Understanding the nomenclature helps identify the physical and electrical characteristics:
* **AC30**: Series designation (conformal coated, axial leaded inductors).
* **R22**: Represents the inductance value. The "R" acts as a decimal point ($0.22$).
* **K**: Tolerance code ($K = \pm10\%$).
* **RC**: Denotes **RoHS Compliant**, meaning it is free from restricted hazardous substances like lead.
---
### 3. Physical Construction
* **Core Material:** Usually features a ferrite or phenolic core depending on the specific frequency range requirements.
* **Coating:** Encapsulated in a flame-retardant epoxy resin (conformal coating) to protect the internal copper windings from moisture and mechanical stress.
* **Form Factor:** Cylindrical shape with two wire leads extending from opposite ends (Axial).
---
### 4. Common Applications
Due to its low inductance and high resonant frequency, this part is typically used in:
* **RF Coupling/Decoupling:** Filtering high-frequency noise in radio frequency circuits.
* **EMI/RFI Suppression:** Preventing electromagnetic interference in sensitive electronics.
* **Power Supplies:** Small-scale DC-DC converters and voltage regulators.
* **Signal Conditioning:** Maintaining signal integrity in telecommunication devices.
---
### 5. Equivalent Comparison Example
If searching for alternatives, the following characteristics must match:
```markdown
- Type: Axial Inductor
- Inductance: 220nH (0.22µH)
- Current: >1.3A
- DCR: <0.1Ω
```
- ⤷What are the soldering temperature requirements for the AC30-R22K-RC?
- ⤷ Can this inductor be used in high-temperature automotive environments?
- ⤷ What is the physical size/dimensions of the AC30 series?