ACE1V2012-361-R
AI

### Component Analysis: ACE1V2012-361-R
The **ACE1V2012-361-R** is a specific type of surface-mount electronic component, typically categorized as a **Common Mode Choke**. These components are essential for noise suppression in high-speed differential signal lines.
---
### 1. Technical Specifications
The part number follows a standard industry naming convention which reveals its physical and electrical characteristics:
| Parameter | Specification | Description |
| :--- | :--- | :--- |
| **Component Type** | Common Mode Choke | Dual-winding filter |
| **Package Size** | 2012 (Metric) / 0805 (Imperial) | $2.0mm \times 1.2mm$ |
| **Impedance** | $360\ \Omega$ (at $100\text{MHz}$) | Resistance to AC noise |
| **Rated Current** | $\approx 200\text{mA} - 400\text{mA}$ | Maximum continuous current |
| **DC Resistance (DCR)** | Low (typically $< 0.5\ \Omega$) | Minimized power loss |
| **Mounting Type** | SMD/SMT | Surface Mount Technology |
---
### 2. Core Functions
The ACE1V2012-361-R performs two primary roles in a circuit:
1. **Noise Suppression:** It filters out "Common Mode" noise—interference that travels in the same direction on both lines of a pair—without affecting the actual data signal.
2. **Signal Integrity:** By reducing EMI (Electromagnetic Interference), it ensures that high-speed data transfers remain stable and error-free.
---
### 3. Common Applications
Due to its small footprint and specific impedance, it is widely used in:
* **USB 2.0 / 3.0 Ports:** Filtering data lines.
* **HDMI/DisplayPort:** Reducing noise in video transmission.
* **IEEE1394 (Firewire):** High-speed serial interfaces.
* **LVDS (Low-Voltage Differential Signaling):** Used in LCD panels and automotive displays.
---
### 4. Circuit Representation
In a schematic, this part is represented as two coupled inductors sharing a single core:
```text
Line 1 In o---( Coil 1 )---o Line 1 Out
(Core)
Line 2 In o---( Coil 2 )---o Line 2 Out
```
- ⤷
What is the difference between common mode and differential mode noise?
- ⤷ Can this component be replaced by a standard chip inductor?
- ⤷ Which manufacturers produce equivalents for the ACE1V2012 series?