Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • ACE1V3225-110-R

  • AI
    ## Detailed Overview of ACE1V3225-110-R The **ACE1V3225-110-R** is a high-performance **Common Mode Choke (CMC)** designed primarily for noise suppression in high-speed differential signal lines. It is widely used in automotive and industrial applications due to its reliability and compact surface-mount design. --- ### 1. Key Technical Specifications | Parameter | Specification | Details | |:---|:---|:---| | **Inductance** | 11 $\mu$H | At 100 kHz | | **Tolerance** | +50% / -30% | Standard for CMC components | | **DC Resistance (DCR)** | 0.5 $\Omega$ (Max) | Minimizes power loss | | **Rated Current** | 300 mA (Max) | Continuous current capacity | | **Rated Voltage** | 50 VDC | Maximum operating voltage | | **Impedance** | 600 $\Omega$ (Typ) | At 100 MHz | | **Case Size** | 3225 (Metric) / 1210 (Inch) | 3.2mm x 2.5mm footprint | --- ### 2. Physical Construction and Form Factor The "3225" in the part number refers to its dimensions: * **Length:** 3.2 mm * **Width:** 2.5 mm * **Height:** Approximately 2.4 mm It features a **wire-wound structure** on a ferrite core. This construction provides high impedance over a wide frequency range, which is essential for filtering electromagnetic interference (EMI) without degrading the integrity of the actual data signal. --- ### 3. Applications This component is specifically engineered for protocols that require high signal integrity: * **Automotive Electronics:** Used in CAN-Bus (Controller Area Network), FlexRay, and Ethernet systems. * **Industrial Automation:** Signal filtering for sensors and communication modules. * **USB & IEEE1394:** Noise suppression for high-speed data interfaces. * **AEC-Q200 Compliance:** Often tested to meet automotive-grade stress standards, ensuring high thermal and mechanical stability. --- ### 4. Functionality in a Circuit The primary role of the ACE1V3225-110-R is to provide **Common Mode Rejection**. ```mermaid graph LR A[Signal Source] --> B[ACE1V3225-110-R] B --> C[Receiver] Note[Blocks Noise / Passes Data] ``` * **Common Mode Noise:** The choke presents high impedance to noise signals traveling in the same direction on both lines, effectively "blocking" them. * **Differential Mode Signal:** The choke presents very low impedance to the actual data signals traveling in opposite directions, allowing the information to pass through unaffected. ---
    ✨ Follow-up Questions
    • ⤷ What are the typical operating temperature ranges for the ACE1V3225-110-R?
    • ⤷ How does the '110' in the part number relate to its inductance value?
    • ⤷ Are there specific soldering reflow profiles recommended for this 3225 package?