Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • ACE2V3225-201-R

  • AI
    ## ACE2V3225-201-R: Component Overview The **ACE2V3225-201-R** is a Surface Mount Device (SMD) Common Mode Choke designed primarily for automotive and high-reliability noise suppression applications. It is manufactured by **Eaton** (formerly Coiltronics/Bussmann) as part of their ACE series. --- ### 1. Key Technical Specifications | Feature | Specification | | :--- | :--- | | **Part Number** | ACE2V3225-201-R | | **Component Type** | Common Mode Choke | | **Package Size** | 3225 (Metric: 3.2mm x 2.5mm) | | **Common Mode Impedance** | 200 $\Omega$ (Typical) at 100 MHz | | **Rated Current ($I_{dc}$)** | 300 mA (Maximum) | | **DC Resistance ($R_{dc}$)** | 0.35 $\Omega$ (Maximum) | | **Rated Voltage** | 50 V | | **Operating Temperature** | -40°C to +125°C | --- ### 2. Part Number Breakdown Understanding the nomenclature helps in identifying the physical and electrical characteristics: * **ACE:** Series name (Automotive Grade Common Mode Filter). * **2V:** Specific sub-series identifier (often relates to voltage or material characteristics). * **3225:** Case size (Length 3.2mm x Width 2.5mm). * **201:** Impedance value code. The first two digits (20) are significant, and the third (1) is the multiplier. $20 \times 10^1 = 200 \Omega$. * **R:** Denotes RoHS compliance. --- ### 3. Applications and Functions Common mode chokes like the ACE2V3225-201-R are essential for maintaining signal integrity in high-speed data lines. * **Noise Suppression:** It filters out common-mode noise (electromagnetic interference - EMI) while allowing differential-mode signals (the data) to pass through unaffected. * **Automotive Electronics:** Designed to meet **AEC-Q200** standards, making it suitable for Infotainment systems, ADAS (Advanced Driver Assistance Systems), and Body Control Modules. * **Communication Interfaces:** Often used on CAN bus, FlexRay, and Ethernet lines where high reliability is required in harsh environments. --- ### 4. Implementation Example In a typical circuit, the choke is placed across two differential data lines. Below is a conceptual representation: ```text [ Controller ] ----(Line A)---- [ Choke Pin 1 ] --- [ Choke Pin 2 ] ----> (To Device) ----(Line B)---- [ Choke Pin 4 ] --- [ Choke Pin 3 ] ----> (To Device) ``` The magnetic flux generated by common-mode noise cancels itself out within the core, providing high impedance to the noise while maintaining low impedance for the differential signal. ---
    ✨ Follow-up Questions
    • ⤷ What are the differences between the ACE and the ACT series common mode chokes?
    • ⤷ Can this component be used in high-speed USB 3.0 data lines?
    • ⤷ What are the soldering profile requirements for the 3225 package size?