ACTA-134-R
AI

Based on the part number provided, the **ACTA-134-R** refers to a high-performance **Current Transformer (CT)**, typically manufactured by companies like **Triad Magnetics** or similar industrial electronics suppliers. These components are designed for monitoring AC current in power supplies, motor controls, and instrumentation.
---
## Technical Specifications
The ACTA series is known for its precision and reliability in power monitoring applications. Below are the typical electronic characteristics for the "134-R" variant:
| Feature | Specification |
| :--- | :--- |
| **Primary Current Rating** | 100A (Typical) |
| **Turns Ratio** | 1:1000 |
| **Secondary Current** | 100mA (at 100A primary) |
| **Frequency Range** | 50Hz - 400Hz |
| **Dielectric Strength** | 4,000V AC (Primary to Secondary) |
| **Termination Style** | PC Mount (Through-hole) |
| **RoHS Compliance** | Yes ("-R" suffix indicates RoHS compliant) |
---
## Key Electronic Components & Design
### 1. The Core Material
The device utilizes a high-permeability magnetic core (often silicon steel or ferrite). This allows for efficient magnetic flux coupling from the primary wire (passed through the center hole) to the secondary winding with minimal loss.
### 2. Secondary Winding
The "134" designation usually relates to the specific winding configuration. With a 1:1000 ratio, for every 1 Ampere flowing through the center of the transformer, 1 milliampere is produced at the output pins.
### 3. Encapsulation
The internal copper windings and core are encapsulated in a flame-retardant **epoxy resin (UL94V-0)**. This provides:
* **Insulation:** Protects the secondary circuit from high-voltage spikes on the primary line.
* **Environmental Protection:** Guards against moisture and vibration.
---
## Application Circuitry
To use the ACTA-134-R in a digital circuit (like an Arduino or PLC), a **burden resistor** must be placed across the secondary terminals to convert the current output into a measurable voltage.
```cpp
// Example Calculation for Burden Resistor
// Output Voltage (V) = Secondary Current (I) * Burden Resistance (R)
If Primary = 100A and Ratio = 1000:
Secondary I = 0.1A
If R_burden = 10 Ohms:
V_out = 0.1A * 10Ω = 1.0V AC
```
---
## Safety Considerations
* **Open Circuit Risk:** Never operate a current transformer without a burden resistor or a load connected to the secondary terminals. If left open, the transformer can generate dangerously high voltage spikes that can damage the component or cause electrical shock.
* **Polarity:** Observe the "Dot" markings on the casing to ensure the phase of the current is correctly aligned with your metering equipment.
- ⤷
What is the maximum burden resistor value recommended for the ACTA-134-R?
- ⤷ How do I calculate the accuracy percentage for this current transformer?
- ⤷ Can this component be used for DC current sensing?