AI

The **ACTA-521-R** is a specific model of an **Intelligent Single-Door Access Control Board** (often associated with the ACTA series by manufacturers like *Advantage Controls* or similar security systems). It is designed to manage entry points by interfacing with readers, locks, and sensors.
Below is a breakdown of its core electronic components and technical specifications.
---
### 1. Core Electronic Components
The board consists of several functional groups that allow it to process data and control hardware:
| Component Type | Description | Function |
| :--- | :--- | :--- |
| **Microcontroller** | High-speed integrated circuit | The "brain" that stores user permissions and processes input signals. |
| **Relay (Form C)** | Electromechanical switch | Typically rated for 5A/12V-24V; used to trigger electric strikes or maglocks. |
| **Wiegand Interface** | Communication Port | Interfaces with RFID, Proximity, or Biometric readers (Data 0/Data 1). |
| **Non-Volatile Memory** | EEPROM/Flash | Retains the user database and event logs even if power is lost. |
| **Voltage Regulator** | Power Management | Steps down input voltage (usually 12VDC) to logic levels (5V/3.3V). |
| **TVS Diodes** | Transient Voltage Suppressors | Protects the board from power surges or "kickback" from magnetic locks. |
---
### 2. Connectivity and I/O Terminals
The ACTA-521-R utilizes a series of screw terminals for field wiring. Understanding these is critical for installation:
#### A. Input Terminals
* **REX (Request-to-Exit):** Connects to a motion sensor or push-button to allow exit without a card.
* **Door Status:** Connects to a magnetic door contact to monitor if the door is open, closed, or forced.
* **Reader Ports:** Standard +12V, GND, D0, D1, and LED control for the external reader.
#### B. Output Terminals
* **Lock Output:** Provides the dry contact or powered output to engage/disengage the locking mechanism.
* **Alarm/Aux Output:** Can be programmed to trigger a local siren if the door is held open too long.
---
### 3. Technical Specifications
| Feature | Specification (Standard ACTA-521 Series) |
| :--- | :--- |
| **Input Power** | 12V DC to 15V DC |
| **Current Consumption** | ~60mA (Idle) to 150mA (Active) |
| **User Capacity** | Typically up to 1,000 - 5,000 users (model dependent) |
| **Communication** | RS-485 or Wiegand (Inbound) |
| **Operating Temp** | -10°C to +55°C |
---
### 4. Safety & Protection Features
* **Optical Isolation:** Many versions use optoisolators on the communication lines to prevent electrical noise from the reader from crashing the main processor.
* **Self-Resetting Fuses (PTC):** Protects the board from short circuits on the reader or lock power lines.
- ⤷
What is the maximum current rating for the relay on the ACTA-521-R?
- ⤷ How do I reset the ACTA-521-R to factory default settings?
- ⤷ Can the ACTA-521-R be integrated with an RS-485 network for central management?