ACTA-524-R
AI

The **ACTA-524-R** is a specific electronic component typically categorized as an **Isolated DC Current Transducer** or a specialized signal conditioner/converter used in industrial automation and power monitoring.
Below is a detailed breakdown of its electronic characteristics and technical specifications.
---
## 1. Core Functionality
The ACTA-524-R is designed to measure DC current (often via a shunt or direct connection) and convert it into a standardized, isolated analog output signal. The "-R" suffix usually denotes a specific mounting style (like DIN rail) or a specific output range.
### Key Electronic Stages
| Stage | Component/Process | Description |
| :--- | :--- | :--- |
| **Input** | DC Shunt/Direct | Accepts low-voltage DC signals (e.g., 0-50mV from a shunt) or direct amperage. |
| **Isolation** | Galvanic Opto-isolator | Provides high-voltage separation between the input, output, and power supply. |
| **Processing** | Operational Amplifiers | Scales and linearizes the input signal to ensure accuracy. |
| **Output** | Analog Driver | Converts the processed signal into 4-20mA, 0-5V, or 0-10V. |
---
## 2. Technical Specifications
While specific configurations can vary based on the manufacturer (often associated with brands like *NK Technologies* or similar industrial suppliers), the general electronic profile includes:
* **Isolation Voltage:** Typically 2.5kV to 5kV AC (ensures safety against ground loops).
* **Response Time:** Usually <100ms for industrial monitoring.
* **Accuracy Class:** Generally 0.5% to 1.0% of full scale.
* **Power Supply:** Often 24V DC or 120V AC (depending on the specific model variant).
---
## 3. Typical Pinout / Connection Schematic
The device generally follows a 4-terminal or 6-terminal wiring logic:
```yaml
Terminal Block:
1: (+) Power Supply (e.g., +24VDC)
2: (-) Power Supply (Common)
3: (+) Input Signal (From Shunt/Source)
4: (-) Input Signal (From Shunt/Source)
5: (+) Output Signal (To PLC/Controller)
6: (-) Output Signal (Common)
```
---
## 4. Application Use Cases
* **Solar Array Monitoring:** Measuring the DC output of photovoltaic strings.
* **Battery Charging Systems:** Monitoring current flow into lead-acid or lithium banks.
* **Variable Speed Drives (VSD):** Feedback loops for DC motor control.
* **Electrolysis Processes:** High-current DC monitoring in chemical plants.
- ⤷
What are the specific input range options for the ACTA-524-R?
- ⤷ How do I calibrate the zero and span on this transducer?
- ⤷ What is the difference between the ACTA-524-R and the ACTA-524-S model?