ACTE-111-R
AI

## Overview of the ACTE-111-R
The **ACTE-111-R** is a high-performance, automotive-grade power relay manufactured by **Panasonic**. It belongs to the **ACTE series (Twin Relay type)**, specifically designed for reversing motor control and high-current applications in compact environments.
---
### 1. Key Technical Specifications
The following table outlines the core electronic and physical characteristics of the ACTE-111-R:
| Feature | Specification |
| :--- | :--- |
| **Relay Type** | Twin (Dual) Automotive Relay |
| **Contact Arrangement** | 1 Form C × 2 (H-Bridge configuration) |
| **Nominal Coil Voltage** | 12V DC |
| **Contact Rating (Resistive)** | 20A at 14V DC |
| **Maximum Carrying Current** | 30A (for 2 minutes) |
| **Coil Resistance** | 180 $\Omega$ (approx. 800mW power consumption) |
| **Mounting Type** | PCB Through-hole |
| **Dimensions** | Approx. 13.6 x 12.0 x 13.5 mm |
---
### 2. Internal Structure and Functionality
The "Twin" designation means that two independent relays are housed within a single small plastic casing. This is strategically designed for **H-Bridge circuits**, which are used to control the direction of DC motors.
* **Integrated Design:** By combining two relays, it saves significant board space (approx. 50% less space compared to using two separate relays).
* **Contact Material:** Usually uses **Silver Alloy (Cadmium-free)** to handle high inrush currents and prevent welding.
* **Thermal Resistance:** Built with a high heat-resistant molded base to withstand the harsh temperatures of an engine compartment.
---
### 3. Common Applications
Due to its robust power handling and compact form factor, the ACTE-111-R is primarily used in automotive body electronics:
1. **Power Windows:** Controlling the Up/Down movement of glass motors.
2. **Central Door Locking:** Managing the lock/unlock actuators.
3. **Power Seats:** Adjusting position motors.
4. **Sunroofs:** Controlling the sliding and tilting mechanisms.
---
### 4. Circuit Implementation Example
In a standard reversing motor application, the ACTE-111-R is wired so that one relay controls the "Forward" path and the other controls the "Reverse" path.
```text
[ +12V ]
|
+-----+-----+
| |
[Relay A] [Relay B]
| |
+--[Motor]--+
| |
[GND] [GND]
```
---
- ⤷
What are the main differences between the ACTE and ACTR relay series?
- ⤷ How does the coil resistance change with temperature in the ACTE-111-R?
- ⤷ Can this relay be used for 24V automotive systems?