ACTE-532-R
AI

The **ACTE-532-R** is a high-performance, ultra-compact **GPS/GNSS Antenna Module** designed by Sparklan. It integrates a high-sensitivity patch antenna with a sophisticated Front-End circuit to provide reliable positioning in space-constrained electronic devices.
---
### 1. Key Electronic Specifications
The module is built around a high-gain ceramic patch antenna and an integrated **Low Noise Amplifier (LNA)**.
| Parameter | Specification |
| :--- | :--- |
| **Frequency Range** | 1575.42 MHz ± 1.023 MHz |
| **Operating Voltage** | 3.0V - 5.0V DC |
| **Current Consumption** | ~10mA to 15mA |
| **Gain (Patch Antenna)** | 2.0 dBi (typical) |
| **Output Impedance** | 50 Ohms |
| **Connector Type** | Right-Angle MMCX or U.FL (Variable by sub-model) |
---
### 2. Functional Components
The ACTE-532-R is more than just a piece of ceramic; it contains several critical electronic stages:
* **Ceramic Patch Element:** A 13x13mm or 18x18mm square ceramic substrate that captures the electromagnetic waves from GPS satellites.
* **SAW Filter (Surface Acoustic Wave):** This component acts as a gatekeeper, filtering out out-of-band interference from cellular (LTE) or WiFi signals to prevent receiver desensitization.
* **Low Noise Amplifier (LNA):** Boosts the extremely weak satellite signals (often below -130 dBm) to a level that the GPS receiver chip can process.
* **Impedance Matching Network:** A circuit consisting of inductors and capacitors (LC circuit) that ensures maximum power transfer between the antenna and the 50-ohm transmission line.
---
### 3. Implementation Details
To use the ACTE-532-R in an electronic design, developers must consider the following:
#### Pinout and Connectivity
Most variants utilize a micro-coaxial cable. If integrating the raw module onto a PCB:
1. **VCC:** Power supply (must be clean/decoupled with a 0.1uF capacitor).
2. **GND:** A solid ground plane is required to act as a "Reflector" for the antenna element.
3. **RF_OUT:** The signal path leading to the GNSS receiver.
#### Performance Features
* **RHCP Polarization:** Right-Hand Circular Polarization matches the signal transmitted by GPS satellites.
* **Compact Form Factor:** Designed for handheld trackers, dashcams, and UAVs.
---
- ⤷
What are the power consumption differences between the ACTE-532-R and passive antennas?
- ⤷ How does the SAW filter in this module improve performance in urban environments?
- ⤷ What is the recommended ground plane size for optimal gain?