AI

The **ACU370-32G-RGD** is a high-performance, ruggedized memory module typically used in industrial, aerospace, or military applications. It is designed to operate in extreme environments where standard consumer-grade electronics would fail.
---
### Core Specifications
| Feature | Specification |
| :--- | :--- |
| **Capacity** | 32 GB |
| **Memory Type** | DDR4 SDRAM |
| **Form Factor** | SO-DIMM (Small Outline Dual In-line Memory Module) |
| **Grade** | Rugged (RGD) / Industrial Grade |
| **ECC Support** | Often includes ECC (Error Correction Code) for data integrity |
---
### Key Electronic Components & Features
#### 1. DRAM Integrated Circuits (ICs)
The module consists of several high-density DDR4 memory chips. In a 32GB configuration, these are often high-bin chips selected for their ability to withstand temperature fluctuations.
* **Signaling:** Uses low-voltage Differential Signaling to reduce EMI.
* **Voltage:** Typically operates at **1.2V**, which reduces power consumption and heat generation compared to older DDR standards.
#### 2. Ruggedization Features (RGD)
The "RGD" suffix indicates specific electronic and physical hardening:
* **Wide Temperature Support:** Rated for operation from **-40°C to +85°C**.
* **Conformal Coating:** Many units in this series feature a thin polymeric film applied to the PCB and components to protect against moisture, dust, and chemical contaminants.
* **Underfill:** A specialized epoxy is often applied under the BGA (Ball Grid Array) chips to reinforce the solder joints against mechanical shock and vibration.
#### 3. PCB Design (Printed Circuit Board)
* **Gold Fingers:** The connectors use 30μ” gold plating to ensure reliable electrical contact and prevent oxidation in humid environments.
* **Multi-layer Routing:** High-quality PCB layering is used to maintain signal integrity and manage thermal dissipation.
#### 4. Serial Presence Detect (SPD) EEPROM
A small non-volatile memory chip on the module that stores information about the memory's timings, voltage, and manufacturer data. The system BIOS/UEFI reads this to automatically configure the memory controller.
---
### Typical Applications
* **Embedded Systems:** Industrial PCs and automation controllers.
* **Defense:** Rugged laptops, tactical communication devices, and UAV ground stations.
* **Edge Computing:** Outdoor servers exposed to fluctuating environmental conditions.
- ⤷
Does this module support ECC (Error Correction Code) for server-grade stability?
- ⤷ What is the specific clock speed or MHz rating for this memory module?
- ⤷ Is this module compatible with standard consumer laptop motherboards?