Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • ACV-15111-R

  • AI
    The **ACV-15111-R** is a specific part number typically associated with **AC Solenoids** (often manufactured by companies like Takamisawa or specialized industrial component suppliers). These components are primarily used for mechanical actuation via electrical signals. --- ### 1. Technical Specifications The following table highlights the general technical parameters associated with this class of AC Solenoid: | Feature | Specification | | :--- | :--- | | **Component Type** | AC Solenoid / Actuator | | **Voltage Rating** | Typically 100V - 120V AC (Standard for 15xxx series) | | **Duty Cycle** | Intermittent or Continuous (Model dependent) | | **Connection Type** | Lead wires or Solder terminals | | **RoHS Status** | Compliant (Indicated by the "-R" suffix) | --- ### 2. Key Electronic Characteristics The "R" suffix in the part number usually signifies **RoHS Compliance**, meaning the part is manufactured without hazardous substances like lead or cadmium. #### Magnetic Circuitry * **Coil Assembly:** The core consists of a copper winding that creates a magnetic field when AC current passes through. * **Plunger:** A ferrous metal rod that moves when the coil is energized. * **Shading Coil:** Since it operates on AC, a "shading coil" (a small copper ring) is often embedded in the pole face to prevent "humming" or vibration by creating a secondary out-of-phase magnetic field. #### Impedance and Current Unlike DC solenoids, AC solenoids have **Inrush Current**. When the plunger is "open," the inductance is low, causing a high initial current. Once the plunger seats, the inductance increases, and the current drops to a lower "holding" level. --- ### 3. Common Applications These parts are generally found in industrial automation and consumer appliances: 1. **Vending Machines:** Used for coin release or product dispensing mechanisms. 2. **Office Equipment:** Paper sorting or locking mechanisms in high-end printers. 3. **Appliances:** Water valve control or door latching systems. --- ### 4. Safety and Implementation ```cpp // Example: Concept logic for controlling an AC Solenoid via MCU if (sensorTriggered == HIGH) { digitalWrite(RELAY_PIN, HIGH); // Actuates the ACV-15111-R via a Relay/TRIAC delay(500); // Solenoids often require short pulses to prevent overheating digitalWrite(RELAY_PIN, LOW); } ``` * **Heat Dissipation:** AC solenoids can become very hot during continuous use. Ensure proper ventilation. * **Back EMF:** While more common in DC, AC circuits should use an **RC Snubber** across the switch contacts to prevent electrical noise and contact welding.
    ✨ Follow-up Questions
    • ⤷ What is the exact stroke length and force rating for the ACV-15111-R?
    • ⤷ How do I choose between an AC and a DC solenoid for my project?
    • ⤷ What are the recommended snubber circuit values for this specific model?