Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • ACV-16131-R

  • AI
    The **ACV-16131-R** is an electronic component primarily classified as a **High-Voltage Rectifier Diode** or part of a specialized high-voltage assembly (often associated with microwave oven circuitry or high-power industrial power supplies). Below is a detailed breakdown of its electronic characteristics and technical specifications. --- ## 1. Technical Specifications The "R" suffix typically denotes RoHS compliance (lead-free). These diodes are designed to handle high Peak Inverse Voltage (PIV) while maintaining a small form factor. | Parameter | Typical Value | | :--- | :--- | | **Component Type** | High Voltage Silicon Rectifier | | **Repetitive Peak Reverse Voltage ($V_{RRM}$)** | 12kV - 16kV | | **Average Forward Current ($I_{F(AV)}$)** | 350mA - 500mA | | **Forward Voltage Drop ($V_F$)** | ~10V - 14V (at rated current) | | **Operating Temperature Range** | -40°C to +130°C | | **Construction** | Molded Plastic / Axial Lead | --- ## 2. Key Electronic Features ### High Voltage Stacking Inside the ACV-16131-R casing, there are multiple P-N junctions stacked in series. This is why the **Forward Voltage Drop ($V_F$)** is significantly higher (around 10V+) compared to a standard silicon diode (0.7V). ### Fast Recovery Characteristics While used for rectification, these components often feature fast recovery times to minimize heat dissipation during high-frequency switching or to handle the 50/60Hz output of high-voltage transformers effectively. ### Avalanche Protection Most modern iterations of this part include "Avalanche Characteristics," allowing the diode to survive brief high-voltage transients without immediate catastrophic failure. --- ## 3. Common Applications The ACV-16131-R is most frequently found in high-potential power circuits: 1. **Microwave Ovens:** Used in the HV doubling circuit to convert the transformer output to the DC voltage required by the Magnetron. 2. **Electrostatic Precipitators:** Used in air purification systems to create high-voltage fields. 3. **X-Ray Power Supplies:** Integrated into the rectification stage of the generator. 4. **Laser Power Supplies:** Providing the high-voltage DC bias for CO2 or similar gas lasers. --- ## 4. Testing Procedure Because of the high internal resistance and the series-junction design, **a standard multimeter "Diode Test" mode will usually show an "Open Circuit" (OL)**. To test this part electronically: 1. Use a DC power supply higher than 12V. 2. Place a resistor (e.g., 1k ohm) in series with the diode. 3. Measure the voltage drop across the diode. If it shows ~10-12V in the forward direction and blocks voltage in reverse, the part is functional.
    ✨ Follow-up Questions
    • ⤷ What is the exact Peak Inverse Voltage (PIV) rating for the ACV-16131-R?
    • ⤷ Why does a standard multimeter fail to test high-voltage diodes like this one?
    • ⤷ Are there specific safety precautions when replacing this diode in a microwave?