Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • ACV-2132-R/Q

  • AI
    The **ACV-2132-R/Q** is a specialized high-voltage vacuum contactor (often used in industrial power distribution and motor control). Below is an explanation of its core electronic and electromechanical components. ### 1. Core Component Specifications The "ACV" series typically refers to **Vacuum Contactors**, which utilize vacuum interrupters to extinguish arcs when opening electrical circuits. | Feature | Description | | :--- | :--- | | **Switching Medium** | Vacuum (hermetically sealed interrupters) | | **Configuration** | 3-Pole (standard for 3-phase AC) | | **Rated Voltage** | Typically up to 7.2kV or 12kV (depending on specific R/Q sub-variant) | | **Control Voltage** | DC or AC (often 110V/220V for the operating coil) | --- ### 2. Key Electronic & Electromechanical Parts #### A. Vacuum Interrupters (The "Heart") Inside the unit are three vacuum bottles. Unlike air-break contactors, the contacts move within a high vacuum. * **Function:** Prevents arcing during high-voltage disconnection. * **Advantage:** Long electrical life and zero maintenance for the contact tips. #### B. Electromagnetic Drive (Operating Mechanism) This is the electronic coil assembly that opens and closes the contacts. * **R-Type (Latched):** Usually refers to a **Mechanical Latched** type. Once closed, it stays closed mechanically and requires a "trip" pulse to open. This is energy-efficient as it doesn't require constant power to stay closed. * **Q-Type (Magnetic):** Often refers to a **Magnetic Hold** type. It requires continuous current through the coil to remain closed. If power is lost, the contactor opens (fail-safe). #### C. Auxiliary Switch Block Electronic feedback is provided through auxiliary contacts. * **NO/NC Contacts:** Used for signaling the status (Open/Closed) to a PLC or control room. * **Interlocking:** Prevents the contactor from closing if certain safety conditions aren't met. #### D. Control Circuitry (Control Board) Modern versions include a small internal PC board or rectifier block. * **Rectifier:** Converts AC control power to DC for smoother electromagnetic operation. * **Surge Suppressor:** Protects the coil from voltage spikes (Varistors or RC circuits). --- ### 3. Comparison of R vs. Q Variants | Feature | R-Variant (Latched) | Q-Variant (Magnetic) | | :--- | :--- | :--- | | **Hold Mechanism** | Mechanical Latch | Electromagnetic Force | | **Power Consumption** | Low (Pulse only) | Constant during operation | | **Power Failure** | Stays Closed | Automatically Opens | | **Application** | Feeder circuits / Transformers | Motor starters / Safety critical | ---
    ✨ Follow-up Questions
    • ⤷ What are the maintenance requirements for the vacuum interrupters in the ACV-2132?
    • ⤷ How does the mechanical latching mechanism in the R-type variant function during a power loss?
    • ⤷ Can the control coil voltage be customized for different industrial standards?