ACV-2141-R
AI

The **ACV-2141-R** is a specific electronic component, typically categorized as a **Surface Mount (SMT) Common Mode Choke**. It is primarily used in power supply circuits and data lines to suppress high-frequency electromagnetic interference (EMI).
Below is a detailed breakdown of its electronic characteristics and specifications.
---
### 1. General Specifications
The ACV-2141-R is designed for high-density PCB mounting. The "R" usually denotes compliance with RoHS standards (Lead-free).
| Feature | Description |
| :--- | :--- |
| **Component Type** | Common Mode Choke / Filter |
| **Mounting Type** | SMD (Surface Mount Device) |
| **Typical Application** | Power Line Filtering, USB, CAN-bus, Signal Conditioning |
| **Construction** | Ferrite Core with Bifilar or Sector windings |
### 2. Electrical Characteristics
While exact values can vary slightly by manufacturer (often associated with brands like **Abracon** or **Coilcraft** equivalents), the standard parameters for the 2141 series are:
* **Impedance (@ 100MHz):** Usually ranges between **300Ω to 1000Ω**, depending on the specific winding variant.
* **Rated Current:** Typically handles between **1.0A and 5.0A**.
* **DC Resistance (DCR):** Extremely low (often < 50 mΩ) to minimize power loss and heat generation.
* **Insulation Resistance:** Usually 10MΩ minimum at 100VDC.
---
### 3. Key Electronic Functions
#### A. EMI Suppression
The primary role of the ACV-2141-R is to filter out **Common Mode Noise**. This is noise that flows in the same direction on both signal lines. The choke allows the "Differential Mode" (the actual data/power signal) to pass through while blocking the noise.
#### B. Magnetic Core Properties
It utilizes a high-permeability ferrite core. This ensures that the component provides maximum inductance in a small physical footprint, which is critical for modern compact electronics.
#### C. Thermal Stability
The materials used are rated for industrial temperature ranges, typically **-40°C to +125°C**, ensuring the inductance remains stable even as the device heats up during operation.
---
### 4. Typical Application Circuit
In a standard power entry circuit, the ACV-2141-R is placed immediately after the input connector:
```text
[Input Power +] ----( Coil 1 )---- [Internal Circuit +]
[Input Power -] ----( Coil 2 )---- [Internal Circuit -]
^
Common Mode Choke
```
---
- ⤷What are the specific dimensions and footprint for the ACV-2141-R?
- ⤷ How does a common mode choke differ from a standard inductor in a circuit?
- ⤷ What are the common failure modes for SMD chokes like the ACV-2141-R?