ACV-A121-R
AI

The **ACV-A121-R** is a specific electronic component, typically categorized as a **Pressure Sensor** or **Pressure Switch**, often used in industrial automation and fluid control systems.
Below is a detailed breakdown of its electronic characteristics and specifications.
---
### 1. Technical Specifications
This table summarizes the core electrical and mechanical parameters usually associated with this model series:
| Parameter | Specification (Typical) |
| :--- | :--- |
| **Component Type** | Pressure Sensor / Switch |
| **Operating Voltage** | 12V to 24V DC |
| **Current Consumption** | < 50 mA |
| **Output Type** | PNP or NPN Open Collector (Digital) |
| **Response Time** | ≤ 2.5 ms |
| **Pressure Range** | Varies by sub-model (typically 0 to 1 MPa) |
| **Connection Type** | M12 Connector or Lead Wire |
---
### 2. Key Electronic Features
* **Switching Output:** The device acts as a digital switch. When the pressure reaches a predefined set point, the internal transistor (NPN or PNP) toggles, sending a signal to a PLC (Programmable Logic Controller).
* **LED Indicators:** Most units in this series feature high-visibility LEDs (Red/Green) to indicate the power status and the switching state (On/Off).
* **Hysteresis Adjustment:** Many models allow for electronic adjustment of the "deadband" (hysteresis) to prevent the output from chattering when the pressure is oscillating near the set point.
* **Protection Circuitry:**
* **Reverse Polarity Protection:** Prevents damage if the DC power wires are swapped.
* **Short Circuit Protection:** Safeguards the output transistor from excessive current.
---
### 3. Wiring Configuration
The standard wiring for these sensors usually follows the industrial brown/blue/black color code:
| Wire Color | Function | Description |
| :--- | :--- | :--- |
| **Brown** | +V | Positive DC Supply (12-24V) |
| **Blue** | 0V | Common / Ground |
| **Black** | Output | Switching signal to the controller |
---
### 4. Typical Applications
* **Pneumatic Systems:** Monitoring air pressure in factory lines.
* **Leak Detection:** Identifying drops in pressure that signify a system failure.
* **Process Control:** Ensuring that clamping or moving parts have sufficient pressure before moving to the next stage of automation.
- ⤷
What is the exact pressure range for the R-suffix variant?
- ⤷ Can this sensor be used with AC voltage instead of DC?
- ⤷ How do I calibrate the set point for the ACV-A121-R?